Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OS Datasheet(PDF) 3 Page - C&K Components

Part # OS
Description  Miniature Slide Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

OS Datasheet(HTML) 3 Page - C&K Components

  OS Datasheet HTML 1Page - C&K Components OS Datasheet HTML 2Page - C&K Components OS Datasheet HTML 3Page - C&K Components OS Datasheet HTML 4Page - C&K Components OS Datasheet HTML 5Page - C&K Components OS Datasheet HTML 6Page - C&K Components OS Datasheet HTML 7Page - C&K Components OS Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
I–39
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
15 Mar 22
OS Series
Miniature Slide Switches
12.6
6.8
6.1
2 TRAVEL
2 TRAVEL
2
4
2X 2.8
8.3
2.5 TYP
12.2
0.4
0.5 TYP
4
0.3 TYP
2 TYP
12.2
2 TYP
0.8 TYP
2X 1.5
4
2.5 TYP
1.2
4
4.7
ACTUATOR SHOWN IN POS. 3
PC MOUNTING
4
8
5 6 7
8
4
5 6
3
1 2
7
8
Actuator shown in pos. 2
63
45 6
PC MOUNTING
12 3
45 6
Actuator shown in pos. 1
6
3
5 6
4
PC MOUNTING
12
3
45 6
OS202011MS2QS1
DPDT
OS203011MS1QP1
DP3T
OS202013MT5QN1
DPDT
CONTACT RATING: 0.1A @ 12 VDC
CONTACT RATING: 0.3A @ 30 VDC
CONTACT RATING: 0.3A @ 30 VDC
POS.1
POS.2
1-2, 4-5
CONN. TERMINALS
SCHEMATIC
DPDT
PART NUMBER
SWITCH FUNCTION
OS202011MS2QS1
(Shorting)
ON
ON
YESNO
RoHS
Compliant
RoHS
Compatible
OS202011MS2QN1
(Non-shorting)
ON
ON
YESNO
2-3, 5-6
POS.1
POS.2
1-2, 4-5
CONN. TERMINALS
SCHEMATIC
DPDT
PART NUMBER
SWITCH FUNCTION
OS202013MT5QN1
(Non-shorting)
ON
ON
YESNO
RoHS
Compliant
RoHS
Compatible
2-3, 5-6
POS.1
POS.3
POS.2
1-3, 5-7
2-3, 6-7
CONN. TERMINALS
SCHEMATIC
PART NUMBER
SWITCH FUNCTION
DP3T
OS203011MS1QP1
(Non-specied)
ROHS
Compliant
ROHS
Compatible
ON
ON
ON
YESNO
3-4, 7-8
I



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com