Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSR Datasheet(PDF) 2 Page - C&K Components

Part # MPSR
Description  Ruggedized Magnetic Proximity Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

MPSR Datasheet(HTML) 2 Page - C&K Components

  MPSR Datasheet HTML 1Page - C&K Components MPSR Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E
E–61
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
Switch Contact Form
Circuit Schematic
Wire Color
A
COM
N.O.
COM: Black
N.O.: Red
C
N.C.
COM
N.O.
COM: Black
N.O.: Yellow
N.C.: Red
28 Jun 22
MPSR Series
Ruggedized Magnetic Proximity Sensors
Third Angle
Projection
Actuating Positions
When installing recessed and surface mount contacts, magnet position
is very important. The switch and magnet must always be parallel or
end to end, and never in a ‘T’ configuration.
Gap Distance
Gap distance is a combination of the horizontal and vertical plane
separation of the switch and magnet. Example: if a recessed magnet
is 1/4” off the centerline of the switch, the make gap is reduced by
1/4”
Correct Configuration
Incorrect Configuration
Center Alignment
Off Center Alignment
1 1/4"
Make
Gap
1"
Make
Gap
1/4
,
0.70±0.02
(17.78±0.51)
1.17±0.03
(29.72±0.76)
2x 0.1985 +0.04
-0.02
(2x 5.04 +1.02
-0.50 )
2x 0.1985 +0.04
-0.02
(2x 5.04 +1.02
-0.50 )
0.70±0.02
(17.78±0.51)
1.17±0.03
(29.72±0.76)
1.50
.25
.50
.75
1.00
1.25
1.25
.75
.25
0
.50
1.00
RELEASE POINTS
/OPERATE POINTS
OPERATE POINTS
/RELEASE POINTS
OF SWITCH & MAGNET (INCHES)
AND MAGNET (INCHES)
OFFSET OF CENTERLINES
1.50
1.50
FACES OF SWITCH
DISTANCE BETWEEN
ELECTRICAL SCHEMATIC
Switch
Magnet
Dimensions unit: inch (mm)
SWITCH CONTACT FORM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com