Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GIPTDFR Datasheet(PDF) 1 Page - Belden Inc.

Part # GIPTDFR
Description  Indoor tight buffered patchcord LSZH jacket 3.0mm round DX MM OM3.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

GIPTDFR Datasheet(HTML) 1 Page - Belden Inc.

  GIPTDFR Datasheet HTML 1Page - Belden Inc. GIPTDFR Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: GIPTDFR
Indoor tight buffered patchcord LSZH jacket 3.0mm round DX MM OM3.
Product Description
Indoor tight buffered patchcord with Low Smoke Zero Halogen outer jacket. 3.0mm round duplex MM OM3.
Technical Specifications
Product Overview
Construction Type:
Interconnect
Environmental Space:
Indoor (Not Riser or Plenum)
Suitable Applications:
Flexible terminating leads such as pigtails, patchcords and test leads. Support all computer network applications such as FDDI, Gigabit Ethernet and ATM.
Short distance applications for indoor use.
Construction
Fiber Cable Construction
Fiber Type Fiber Count
OM3
2
Fiber Color Coding:
TIA coding (Gxxxxxx.T): Blue, Orange
Buffer Specification
Fiber Type Buffer Construction
Buffer Material
Buffer Diameter
OM3
Tight
LSZH - Low Smoke Zero Halogen (Flame Retardant) 0.9 mm
Cable Core Water Tight:
Yes
Bulk Cable Weight:
9.5 kg/km
Jacket Specifications
Number of Jackets:
Single Jacket
Type of Armor:
Non-Armored
Outer Jacket Specifications
Outer Jacket
Material
Nominal Diameter Ripcord
LSZH - Low Smoke Zero Halogen (Flame Retardant) 3.0 mm
No
Table Notes:
Standard color: Orange. Available colors: Orange, Yellow, Turquoise, Erika Violet, Red, Blue, Green, Brown, Violet, Pink, Grey, White, Black, Lime Green
Optical Characteristics
Max. Attenuation at 1300 nm:
0.9 dB/km
Max. Attenuation at 850 nm:
2.9 dB/km
Mechanical Characteristics
Mechanical Tests
Description
Tested Standard
Requirement/Value According to Family Specification
Cable Min. Bend Radius Operation (Long Term)
IEC 60794-1-21-E11 60 mm
IEC 60794-2-10
Cable Max. Tensile Strength Installation (Short Term)
IEC 60794-1-21-E1
225 N (51 lbf)
IEC 60794-2-10
Cable Max. Tensile Strength Operation (Long Term)
IEC 60794-1-21-E1
75 N (17 lbf)
IEC 60794-2-10


Similar Part No. - GIPTDFR

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GIPTDF1 BELDEN-GIPTDF1 Datasheet
140Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm simplex MM OM3.
01-20-2023
GIPTDF2 BELDEN-GIPTDF2 Datasheet
166Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm DX Zip MM OM3.
01-20-2023
GIPTDFH BELDEN-GIPTDFH Datasheet
140Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm heavy DX MM OM3.
01-20-2023
More results

Similar Description - GIPTDFR

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GIPS1FR BELDEN-GIPS1FR Datasheet
140Kb / 2P
Indoor semi-tight buffered patchcord LSZH jacket 3.0mm round DX MM OM1.
2023 Belden, Inc
GIPS2FR BELDEN-GIPS2FR Datasheet
140Kb / 2P
Indoor semi-tight buffered patchcord LSZH jacket 3.0mm round DX MM OM2.
01-20-2023
GIPT1FR BELDEN-GIPT1FR Datasheet
139Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm round DX MM OM1.
01-20-2023
GIPT2F2 BELDEN-GIPT2F2 Datasheet
167Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm DX Zip MM OM2.
01-20-2023
GIPT2FH BELDEN-GIPT2FH Datasheet
140Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm heavy DX MM OM2.
01-20-2023
GIPT2FR BELDEN-GIPT2FR Datasheet
141Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm round DX MM OM2.
01-20-2023
GIPTDER BELDEN-GIPTDER Datasheet
139Kb / 2P
Indoor tight buffered patchcord LSZH jacket 2.8mm round DX MM OM3.
01-20-2023
GIPTDF1 BELDEN-GIPTDF1 Datasheet
140Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm simplex MM OM3.
01-20-2023
GIPTDF2 BELDEN-GIPTDF2 Datasheet
166Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm DX Zip MM OM3.
01-20-2023
GIPTDFH BELDEN-GIPTDFH Datasheet
140Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm heavy DX MM OM3.
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com