Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO-LINK-MASTER02-USB Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # IO-LINK-MASTER02-USB
Description  IO-Link Master
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

IO-LINK-MASTER02-USB Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  IO-LINK-MASTER02-USB Datasheet HTML 1Page - Pepperl+Fuchs Inc. IO-LINK-MASTER02-USB Datasheet HTML 2Page - Pepperl+Fuchs Inc. IO-LINK-MASTER02-USB Datasheet HTML 3Page - Pepperl+Fuchs Inc. IO-LINK-MASTER02-USB Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Supported baud rates
COM 1 (4.8 kBaud) , COM 2 (38.4 kBaud) , COM 3 (230.4 kBaud)
Output
Load current
max. 80 mA via USB for sensor supply voltage
1 A via external power supply
Approvals and certificates
Approvals
CE
Ambient conditions
Ambient temperature
0 ... 45 °C (32 ... 113 °F)
Storage temperature
-40 ... 80 °C (-40 ... 176 °F)
Relative humidity
95 % non-condensing
Mechanical specifications
Degree of protection
IP20 (when properly connected)
Connection
IO-Link port: 5-pin, M12x1 socket, A-coded
Operating voltage : DC-9, 2.1 mm
USB 2.0 : MiniB USB plug-in connector
Material
Housing
Aluminum
Mass
approx. 100 g
General information
Scope of delivery
USB connection cable
24 V DC power supply
IO-Link USB Master 2.0
Connection Assignment
3
2
1
4
5
+UB
0 V
C/Q,
IO-Link
DI/DO
n.c.
Connection Assignment
1
5
3
2
4
IO-Link Master
IO-Link-Master02-USB
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com