Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES40-R Datasheet(PDF) 3 Page - DB Lectro Inc

Part # ES40-R
Description  Sealed Sub-Miniature Rocker Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

ES40-R Datasheet(HTML) 3 Page - DB Lectro Inc

  ES40-R Datasheet HTML 1Page - DB Lectro Inc ES40-R Datasheet HTML 2Page - DB Lectro Inc ES40-R Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
14
B
ES40-R
CODE
CONTACT MATERIAL
TERMINAL MATERIAL
RATING
Q
R
G
K
Silver plated
Gold plated over nickel plated
Gold plate over silver plated
Gold plated over nickel plated
Silver plated
Gold plated over nickel plated
Gold plated over silver plated
Tin-lead over nickel plated
THE K option is only for some special item. Please inquiry first when you need the "K" option
0.4VA MAX @ 20 V AC or DC MAX
3 A @ 120V AC or 28 V DC; 1.5 A @ 250 VAC
0.4 VA MAX @ 20 V AC or DC MAX or
3 A @ 120V AC or 28 V DC; 1.5 A @ 250 VAC
0.4VA MAX @ 20 V AC or DC MAX
Sealed Rocker Switches
Actuator Option
Actuator Color Option
Code
Other colors. custom
actuator marking available
consult factory.
Color
VERTICAL SUPPORT BRACKET OPTION
1
2
3
white
Black(std.)
Red
TERMINAL OPTION ( ER-4 / ER-5 )
THE P.C.B MOUNTING
CONTACT MATERIAL OPTIONS
.580
14.73
.250
6.35
.475
12.07
.350
8.89
.300
7.62
.187
4.75
.475
12.07
.580
14.73
.250
6.35
.350
8.89
.187
4.75
.230
5.84
R1
R2
.620
15.75
.320
8.13
PANEL MOUNTING
.620
15.75
.320
8.13
PANEL MOUNTING
.200
5.08
.100
2.54
.043 DIA
ø1.09
.100
2.54
.100
2.54
.043 DIA
ø1.09
.100
2.54
.100
2.54
.200
5.08
.043 DIA
ø1.09
.200
5.08
.200
5.08
.043 DIA
ø1.09
.100
2.54
.200
5.08
ER-5
.200
5.08
ER-4
.100
2.54
.043 DIA
ø1.09
.200
5.08
.043 DIA
ø1.09
ER-7
.100
2.54
ER-6
.200
5.08
.200
5.08
ER-9
ER-8
SPDT
DPDT
.200
5.08
EPOXY SEAL
.130
3.30
.020 THK.
0.76
.020 THK.
0.51
SP
.130
3.30
.030
0.76
EPOXY SEAL
DP
.203
5.16
.363
9.21
.130
3.29
.043
ø1.09
.400
10.16
.100
2.54
.404
10.27
.043 DIA
ø1.09
.200
5.08
.100
2.54
.363
9.22
.382
9.71
.135
3.43
A5S (std.) snap-in type
A5 straight type
ER-4-R1-2-CQ-A5S
.030
0.76
.200
5.08
ER-5-R1-2-CQ-A5S
.670
17.02
.783
19.89
.100
2.54
.400
10.16
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714
DB LECTRO Inc.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com