Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUM2A-R Datasheet(PDF) 8 Page - Mean Well Enterprises Co., Ltd.

Part # CUM2A-R
Description  Multi-Industry General Purpose Smart Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

CUM2A-R Datasheet(HTML) 8 Page - Mean Well Enterprises Co., Ltd.

Back Button CUM2A-R Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. CUM2A-R Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. CUM2A-R Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. CUM2A-R Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. CUM2A-R Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. CUM2A-R Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. CUM2A-R Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. CUM2A-R Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. CUM2A-R Datasheet HTML 10Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
File Name:CMU2-SPEC 2022-04-26
Multi-Industry General Purpose Smart Controller
CMU2 series
Pin No.
Function
1
+5V_AUX
D-
D+
FG
2
3
4
Description
VCC / max. 0.5A
Data-
Data+
Common FG for signal
※ Extension Cards(USB(JK880,JK881)): USB A Type
M4*25mm
Plastic wall plug
(M4*20mm)
230m
m
52m
m
Installation Instruction
ADMISSIBLE DIN-RAIL:TS35/7.5 OR TS35/15
(For reference only. Not included with unit.)
Back View
This series fits DIN rail TS35/7.5 or TS35/15.
For installation details, please refer to the Instruction manual.
Din Rail
Wallhanging
1
2
Table for functionality of connectors
X
X
X
X
X
: Functional
X: Not functional
X
X
X
X
X
X
X
X
X
X
XXX
X
X
X
X
X
X
X
X
X
CMU2A-#R#
(Optional)
CMU2C-P##
CMU2C-R-P##
CMU2C-C##
CMU2C-R-C##
Model
TB30
TB51
CN36
CN37
CN38
CN39
JK51
JK52
JK53
JK22



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com