Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6352XSC4B1.7 Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # EM6352XSC4B1.7
Description  Voltage Detector, High-Precision
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6352XSC4B1.7 Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  EM6352XSC4B1.7 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6352XSC4B1.7 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6352XSC4B1.7 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6352XSC4B1.7 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6352XSC4B1.7 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6352XSC4B1.7 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6352XSC4B1.7 Datasheet HTML 7Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EM6352
Copyright
© 2006, EM Microelectronic-Marin SA
03/06 – rev.I
2
www.emmicroelectronic.com
Ordering Information
EM6352
-
Reset Output Type:
RoHS Compliance:
X = Active-low /RES push-pull
+ = lead-free/green mold compliant
Y = Active-low /RES open-drain
[blank] = leaded
Z = Active-high RES push-pull
Reset Threshold Voltage (VTH):
1.3 = 1.31V
2.26 = 2.26V
Package:
1.4 = 1.38V
2.6 = 2.63V
SP3B = SOT23-3, Tape&Reel 3000 pcs
1.6 = 1.57V
2.9 = 2.93V
SP5B = SOT23-5, Tape&Reel 3000 pcs
1.7 = 1.66V
3.1 = 3.08V
SC3B = SC70-3, Tape&Reel 3000 pcs
1.8 = 1.80V
4.4 = 4.40V
SC4B = SC70-4, Tape&Reel 3000 pcs
2.2 = 2.20V
4.6 = 4.63V
X SP3B 2.9 +
Note:
subject to availability (see standard versions list below). Please give complete Part Number when ordering.
Standard Versions (Top Marking)
Part Number
Top
Marking
1)
Top Marking
2) with 4
Characters
EM6352XSC3B-1.3
AKAA
EM6352XSC3B-1.8
AKAE
EM6352XSC3B-2.2
AKAF
EM6352XSC3B-2.2+
K5##
BKAF
EM6352XSC3B-2.6
AKAG
EM6352XSC3B-2.9
AKAH
EM6352XSC3B-2.9+
K8##
BKAH
EM6352XSC3B-4.6
AKAL
EM6352XSC3B-4.6+
BKAL
EM6352YSP3B-2.26
AKAZ
EM6352YSP3B-2.6
AKAT
EM6352YSP3B-2.9
AKAU
EM6352YSC3B-2.6
AKAT
EM6352YSC3B-4.6
AKAX
EM6352YSC4B-1.3
AKAM
EM6352YSC4B-2.9
AKAU
EM6352YSC4B-3.1
AKAV
1)
Top marking is the standard from 2006. No bottom marking exists. Where ## refers to the lot number (EM internal
reference only)
2)
Top marking with 4 characters is standard from 2003. For lead-free/green mold (RoHS) parts, the first letter of top
marking with 4 characters begins with letter “B” instead of letter “A”. Bottom marking indicates the lot number.
Standard Versions (samples)
Part Number
EM6352XSC3B-2.2+
EM6352XSC3B-2.9+
EM6352XSC3B-4.6+
EM6352XSP3B-2.2
EM6352XSP3B-2.26+
Part Number
EM6352XSP3B-2.6+
EM6352XSP3B-2.9+
EM6352XSP3B-4.6+
EM6352YSC4B-3.1
EM6352YSP3B-2.2
Sample stock is generally held on
standard versions only. Non standard versions have a 30,000 pieces minimum order
quantity. Please contact factory for other versions not shown here and for availability of non standard versions.
Part Number
Top
Marking
1)
Top Marking
2)
with 4
Characters
EM6352XSP3B-1.3
AKAA
EM6352XSP3B-1.8
AKAE
EM6352XSP3B-1.8+
K3##
BKAE
EM6352XSP3B-2.2
AKAF
EM6352XSP3B-2.2+
K5##
BKAF
EM6352XSP3B-2.26
AKAY
EM6352XSP3B-2.26+
K7##
BKAY
EM6352XSP3B-2.6
AKAG
EM6352XSP3B-2.6+
BKAG
EM6352XSP3B-2.9
AKAH
EM6352XSP3B-2.9+
K8##
BKAH
EM6352XSP3B-4.6
AKAL
EM6352XSP3B-4.6+
KE##
BKAL
EM6352XSP5B-1.3
AKAA
EM6352XSP5B-1.8
AKAE
EM6352XSP5B-2.6
AKAG
EM6352XSP5B-2.9
AKAH
EM6352XSP5B-4.6
AKAL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com