Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9803T-M/MSG Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP9803T-M/MSG
Description  2-Wire High-Accuracy Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9803T-M/MSG Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP9803T-M/MSG Datasheet HTML 18Page - Microchip Technology MCP9803T-M/MSG Datasheet HTML 19Page - Microchip Technology MCP9803T-M/MSG Datasheet HTML 20Page - Microchip Technology MCP9803T-M/MSG Datasheet HTML 21Page - Microchip Technology MCP9803T-M/MSG Datasheet HTML 22Page - Microchip Technology MCP9803T-M/MSG Datasheet HTML 23Page - Microchip Technology MCP9803T-M/MSG Datasheet HTML 24Page - Microchip Technology MCP9803T-M/MSG Datasheet HTML 25Page - Microchip Technology MCP9803T-M/MSG Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
MCP9800/1/2/3
DS21909C-page 22
 2010 Microchip Technology Inc.
5.3.4
TEMPERATURE LIMIT-SET
REGISTER (TSET)
The
MCP9800/1/2/3
has
a
16-bit
read/write
Temperature Limit-Set register (TSET) which contains a
9-bit data in two’s compliment format. This data
represents a maximum temperature limit. If the ambient
temperature
exceeds
this
specified
limit,
the
MCP9800/1/2/3 asserts an alert output. (Refer to
Section 5.3.4.3 “ALERT Output Configuration”
).
This register uses the nine Most Significant bits (MSbs)
and all other bits are “don’t cares”.
The power-up default value of the TSET register is
80°C, or <0101 0000 0>b in binary.
REGISTER 5-5:
TEMPERATURE LIMIT-SET REGISTER (TSET) – ADDRESS <0000 0011>b
Upper Half:
R/W-0
R/W-1
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
Sign
26 °C
25 °C
24 °C
23 °C
22 °C
21 °C
20 °C
bit 15
bit 8
Lower Half:
R/W-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
2-1 °C
0
0
0
0
0
0
0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com