Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100N03L Datasheet(PDF) 1 Page - STMicroelectronics

Part # 100N03L
Description  N-CHANNEL 30V - 0.0045??- 80A - DPAK - IPAK Planar STripFET??MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

100N03L Datasheet(HTML) 1 Page - STMicroelectronics

  100N03L Datasheet HTML 1Page - STMicroelectronics 100N03L Datasheet HTML 2Page - STMicroelectronics 100N03L Datasheet HTML 3Page - STMicroelectronics 100N03L Datasheet HTML 4Page - STMicroelectronics 100N03L Datasheet HTML 5Page - STMicroelectronics 100N03L Datasheet HTML 6Page - STMicroelectronics 100N03L Datasheet HTML 7Page - STMicroelectronics 100N03L Datasheet HTML 8Page - STMicroelectronics 100N03L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Rev 2
September 2005
1/14
14
STD100N03L-1
STD100N03L
N-CHANNEL 30V - 0.0045
Ω - 80A - DPAK - IPAK
Planar STripFET™ MOSFET
General features
■
100%AVALANCHE TESTED
■
SURFACE-MOUNTING DPAK (TO-252)
■
LOGIC LEVEL THRESHOLD
Description
This
MOSFET
is
the
latest
refinement
of
STMicroelectronic unique “Single Feature Size™”
stripbased
process.
The
resulting
transistor
shows extremely high packing density for low
on-resistance, rugged avalanche characteristics,
low gate charge and less critical aligment steps
therefore
a
remarkable
manufacturing
reproducibility. This new improved device has
been
specifically
designed
for
Automotive
application and DC-DC converters.
Applications
■
HIGH CURRENT, HIGH SWITCHING DC-DC
CONVERTER
■
AUTOMOTIVE
Order codes
Package
Internal schematic diagram
Type
VDSSS
RDS(on)
ID
Pw
STD100N03L
30 V
<0.0055
Ω 80 A(1) 110 W
STD100N03L-1
30 V
<0.0055
Ω 80 A(1) 110 W
1
3
DPAK
3
2
1
IPAK
Sales Type
Marking
Package
Packaging
STD100N03LT4
D100N03L
DPAK
TAPE & REEL
STD100N03L-1
D100N03L-1
IPAK
TUBE
www.st.com


Similar Part No. - 100N03L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
100N03 VBSEMI-100N03 Datasheet
1Mb / 7P
N-Channel 30-V (D-S) MOSFET
logo
EVER SEMICONDUCTOR CO.,...
100N03 EVVOSEMI-100N03 Datasheet
968Kb / 3P
Rectifier Diodes
Rev:2022A2
logo
TECH PUBLIC Electronics...
100N03 TECHPUBLIC-100N03 Datasheet
2Mb / 5P
N-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
100N03-CMP100N03 VBSEMI-100N03-CMP100N03 Datasheet
1Mb / 7P
N-Channel 30-V (D-S) MOSFET
logo
KIA Semiconductor Techn...
100N03A KIA-100N03A Datasheet
212Kb / 5P
90A竊?0V N-CHANNEL MOSFET
More results

Similar Description - 100N03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD17NE03L STMICROELECTRONICS-STD17NE03L Datasheet
92Kb / 9P
N - CHANNEL 30V - 0.034ohm - 17A - DPAK/IPAK STripFET POWER MOSFET
Jun-1999
STD17NF03L STMICROELECTRONICS-STD17NF03L Datasheet
264Kb / 9P
N-CHANNEL 30V - 0.038ohm - 17A - DPAK/IPAK STripFET™ POWER MOSFET
Aug-2000
STD35NF3LL STMICROELECTRONICS-STD35NF3LL Datasheet
468Kb / 10P
N-CHANNEL 30V - 0.014 ohm - 35A IPAK/DPAK STripFET™ II POWER MOSFET
Feb-2002
STD90N03L STMICROELECTRONICS-STD90N03L Datasheet
314Kb / 16P
N-channel 30V - 0.005Ω - 80A - DPAK/IPAK STripFET??III Power MOSFET
20-Oct-2006
STD95N4F3 STMICROELECTRONICS-STD95N4F3 Datasheet
336Kb / 14P
N-channel 40V - 5.4mOHM - 80A - DPAK - TO-220 - IPAK STripFET TM Power MOSFET
22-Feb-2007
STU100N3LF3 STMICROELECTRONICS-STU100N3LF3 Datasheet
434Kb / 15P
N-channel 30V - 0.0045OHM - 80A - DPAK - IPAK Planar STripFET TM II Power MOSFET
07-Feb-2006
STD30NF03L STMICROELECTRONICS-STD30NF03L_07 Datasheet
330Kb / 14P
N-channel 30V - 0.020ohm - 30A - DPAK/IPAK STripFET TM II Power MOSFET
20-Feb-2007
STD60NH03L STMICROELECTRONICS-STD60NH03L_06 Datasheet
503Kb / 16P
N-channel 30V - 0.0075ohm - 60A - DPAK/IPAK STripFET TM III Power MOSFET
19-Jul-2006
STD90N4F3 STMICROELECTRONICS-STD90N4F3 Datasheet
343Kb / 14P
N-channel 40V - 5.4mΩ - 80A - DPAK - TO-220 - IPAK STripFET??Power MOSFET
29-Nov-2007
STD95N4F3 STMICROELECTRONICS-STD95N4F3_07 Datasheet
465Kb / 14P
N-channel 40V - 5.4mΩ - 80A - DPAK - TO-220 - IPAK STripFET??Power MOSFET
15-May-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com