Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F786 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F786
Description  4-bit asynchronous bus arbiter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F786 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F786 Datasheet HTML 1Page - NXP Semiconductors 74F786 Datasheet HTML 2Page - NXP Semiconductors 74F786 Datasheet HTML 3Page - NXP Semiconductors 74F786 Datasheet HTML 4Page - NXP Semiconductors 74F786 Datasheet HTML 5Page - NXP Semiconductors 74F786 Datasheet HTML 6Page - NXP Semiconductors 74F786 Datasheet HTML 7Page - NXP Semiconductors 74F786 Datasheet HTML 8Page - NXP Semiconductors 74F786 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74F786
4-bit asynchronous bus arbiter
2
February 14, 1991
853–1269 01717
FEATURES
• Arbitrates between 4 asynchronous inputs
• Separate grant output for each input
• Common output enable
• On board 4 input AND gate
• Metastable–free outputs
• Industrial temperature range available (–40°C to +85°C)
DESCRIPTION
The 74F786 is an asynchronous 4–bit arbiter designed for high
speed real–time applications. The priority of arbitration is determined
on a first–come first–served basis. Separate bus grant (BGn)
outputs are available to indicate which one of the request inputs is
served by the arbitration logic. All BGn outputs are enabled by a
common enable (EN) pin. In order to generate a bus request signal
a separate 4 input AND gate is provided which may also be used as
an independent AND gate. Unused bus request (BR) inputs may be
disabled by tying them high.
The 74F786 is designed so that contention between two or more
request signals will not glitch or display a metastable condition. In
this situation an increase in the BRn to BGn tPHL may be observed.
A typical 74F786 has an h = 6.6ns, t = 0.41ns and To = 5
µsec.
Where:
h = Typical propagation delay through the device and t and To are
device parameters derived from test results and can most nearly be
defined as:
t = A function of the rate at which a latch in a metastable state
resolves that condition.
To = A function of the measurement of the propensity of a latch to
enter a metastable state. To is also a very strong function of the
normal propagation delay of the device.
For further information, please refer to the 74F786 application notes.
TYPE
TYPICAL
PROPAGATION DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F786
6.6ns
55mA
ORDERING INFORMATION
ORDER CODE
COMMERCIAL RANGE
INDUSTRIAL RANGE
DESCRIPTION
VCC = 5V ±10%,
VCC = 5V ±10%,
PKG DWG #
Tamb = 0°C to +70°C
Tamb = –40°C to +85°C
16–pin plastic DIP
N74F786N
I74F786N
SOT 38-4
16–pin plastic SO
N74F786D
I74F786D
SOT109-1
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.) HIGH/
LOW
LOAD VALUE HIGH/
LOW
BR0 – BR3
Bus request inputs (active low)
1.0/3.0
20
µA/1.8mA
A, B, C, D
AND gate inputs
1.0/1.0
20
µA/0.6mA
EN
Common bus grant output enable input (active low)
1.0/1.0
20
µA/0.6mA
YOUT
AND gate output
150/40
3.0mA/24mA
BG0 – BG3
Bus grant outputs (active low)
150/40
3.0mA/24mA
NOTE:
One (1.0) FAST unit load is defined as: 20
µA in the high state and 0.6mA in the low state.
LOGIC SYMBOL
BR0 BR1 BR2 BR3
A
B
C
D
VCC = Pin 16
GND = Pin 8
BG0
BG1
BG2
BG3 YOUT
EN
6
13
12
11
10
14
45
67
15
12
3
SF00442
IEC/IEEE SYMBOL
BUS ARBITER
Φ
74F786
14
9
4
5
6
7
EN
BR0
BR1
BR2
BR3
15
1
2
3
&
13
12
11
10
BG0
BG1
BG2
BG3
SF00443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com