Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F804 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74F804
Description  Hex 2-input NAND drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F804 Datasheet(HTML) 4 Page - NXP Semiconductors

  74F804 Datasheet HTML 1Page - NXP Semiconductors 74F804 Datasheet HTML 2Page - NXP Semiconductors 74F804 Datasheet HTML 3Page - NXP Semiconductors 74F804 Datasheet HTML 4Page - NXP Semiconductors 74F804 Datasheet HTML 5Page - NXP Semiconductors 74F804 Datasheet HTML 6Page - NXP Semiconductors 74F804 Datasheet HTML 7Page - NXP Semiconductors 74F804 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product specification
74F804/1804
Hex 2-input NAND drivers
September 14, 1990
4
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
TA =
–40 to
+85
°C
UNIT
MIN
NOM
MAX
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High–level input voltage
2.0
V
VIL
Low–level input voltage
0.8
V
IIk
Input clamp current
–18
mA
IOH
High–level output current
–48
mA
IOL
Low–level output current
48
mA
Tamb
Operating free air temperature range
0
+70
°C
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
MIN
TYP2
MAX
VOH
High-level output voltage
VCC = MIN, VIL = MAX
±10%V
CC
2.0
V
VIH = MIN, IOH = MAX
±5%V
CC
2.0
V
VOL
Low-level output voltage
VCC = MIN, VIL = MAX
±10%V
CC
0.38
0.55
V
VIH = MIN, IOL = MAX
±5%V
CC
0.38
0.55
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
-0.73
-1.2
V
II
Input current at maximum input voltage
VCC = MAX, VI = 7.0V
100
µA
IIH
High–level input current
VCC = MAX, VI = 2.7V
20
µA
IIL
Low–level input current
VCC = MAX, VI = 0.5V
-20
µA
IO
Output current3
VCC = MAX
-60
-160
mA
ICC
Supply current (total)
ICCH
VCC = MAX
VIN = GND
2.0
3.0
mA
ICCL
VCC = MAX
VIN = 4.5V
15
20
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. The output conditions have been chosen to produce a current that closely approximates one half of the true short–circuit output current, IOS.
AC ELECTRICAL CHARACTERISTICS
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CONDITION
CL = 50pF,
RL = 500Ω
CL = 50pF,
RL = 500Ω
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
Dna, Dnb to Qn
Waveform 1
1.0
1.0
2.0
3.0
4.0
4.5
1.0
1.0
4.0
5.0
ns
tsk(o)
Output skew1,2
Waveform 2
1.5
1.5
ns
NOTES:
1. [tPN actual – tPM actual] for any output compared to any other output where N and M are either LH or HL.
2. Skew times are valid only under same test conditions (temperature, VCC, loading, etc.,).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com