Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFL700A39 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EFL700A39
Description  EnFilm™ - rechargeable solid state lithium thin film battery
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EFL700A39 Datasheet(HTML) 3 Page - STMicroelectronics

  EFL700A39 Datasheet HTML 1Page - STMicroelectronics EFL700A39 Datasheet HTML 2Page - STMicroelectronics EFL700A39 Datasheet HTML 3Page - STMicroelectronics EFL700A39 Datasheet HTML 4Page - STMicroelectronics EFL700A39 Datasheet HTML 5Page - STMicroelectronics EFL700A39 Datasheet HTML 6Page - STMicroelectronics EFL700A39 Datasheet HTML 7Page - STMicroelectronics EFL700A39 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DocID17370 Rev 5
3/8
EFL700A39
Characteristics
8
Figure 1. Typical discharge curve
Figure 2. Typical charge curve
Figure 3. Typical pulsed discharge curve
3,0
3,2
3,4
3,6
3,8
4,0
4,2
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1
5 mA
3.5 mA
1.4 mA
1 mA
0.7 mA
350 µA
70 µA
10 µA
1 µA
Voltage (V)
Typical Discharge Curve at 30°C
Discharge Capacity (mA.h)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
10
20
30
40
Charge time (min.)
Charge capacity (%)
Charge done at constant
voltage of 4.2 V at 30 °C
2
2.5
3
3.5
4
4.5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
Discharge capacity(mAh)
Voltage(V)
Pulse conditions:
10 mA, 100 msec on 900 msec off, tested at 30 °C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com