Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA37W Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDA37W
Description  Dual Transil™ array for ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA37W Datasheet(HTML) 3 Page - STMicroelectronics

  ESDA37W Datasheet HTML 1Page - STMicroelectronics ESDA37W Datasheet HTML 2Page - STMicroelectronics ESDA37W Datasheet HTML 3Page - STMicroelectronics ESDA37W Datasheet HTML 4Page - STMicroelectronics ESDA37W Datasheet HTML 5Page - STMicroelectronics ESDA37W Datasheet HTML 6Page - STMicroelectronics ESDA37W Datasheet HTML 7Page - STMicroelectronics ESDA37W Datasheet HTML 8Page - STMicroelectronics ESDA37W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ESDA37W
Characteristics
DocID031000 Rev 1
3/10
1.1
Characteristics (curves)
Figure 3: Peak pulse power dissipation versus
initial junction temperature
Figure 4: Peak pulse power versus exponential
pulse duration (maximum values)
Figure 5: Variation of clamping voltage versus
peak pulse current (maximum values)
Figure 6:
Variation of leakage current
0
50
100
150
200
250
300
350
25
50
75
100
125
150
175
PPP(W)
Tj(°C)
8/20µs
10
100
1000
10
100
1000
PPP(W)
tp(µs)
Tj initial = 25 °C
maximum value
0.1
1
10
100
20
25
30
35
40
45
50
55
60
IPP(A)
VCL(V)
Tjinitial = 25°C
8/20 µs
0.1
1
10
100
1000
25
50
75
100
125
150
175
Ir(nA)
Tj(°C)
ESDA37W (VR =VRM =36V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com