Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDALY Datasheet(PDF) 11 Page - STMicroelectronics

Part # ESDALY
Description  Automotive dual Transil™ array for ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALY Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ESDALY_V01 Datasheet HTML 4Page - STMicroelectronics ESDALY_V01 Datasheet HTML 5Page - STMicroelectronics ESDALY_V01 Datasheet HTML 6Page - STMicroelectronics ESDALY_V01 Datasheet HTML 7Page - STMicroelectronics ESDALY_V01 Datasheet HTML 8Page - STMicroelectronics ESDALY_V01 Datasheet HTML 9Page - STMicroelectronics ESDALY_V01 Datasheet HTML 10Page - STMicroelectronics ESDALY_V01 Datasheet HTML 11Page - STMicroelectronics ESDALY_V01 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ESDALY
Ordering information
DocID022075 Rev 2
11/12
5
Ordering information
Figure 14: Ordering information scheme
Table 4: Ordering information
Order code
Marking(1)
Package
Weight
Base qty.
Delivery mode
ESDA5V3LY
EL5Y
SOT23-3L
8.7 mg
3000
Tape and reel
ESDA6V1LY
EL6Y
ESDA14V2LY
EL1Y
ESDA25LY
EL2Y
ESDA37LY
EL3Y
9.8 mg
Notes:
(1)The marking can be rotated by multiples of 90° to differentiate assembly location.
6
Revision history
Table 5: Document revision history
Date
Revision
Changes
16-Feb-2012
1
Initial version. This document merges and updates the content of
the datasheet ESDA25LY Revision 1, 01-Feb-2010.
20-Jul-2017
2
Added ESDA37LY package information.
ESDA
XXX LY
ESD Array
Minimum breakdown voltage
Package
L = SOT23-3L
Y= Automotive grade



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com