Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA25LY Datasheet(PDF) 5 Page - STMicroelectronics

Part # ESDA25LY
Description  Automotive dual Transil™ array for ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA25LY Datasheet(HTML) 5 Page - STMicroelectronics

  ESDA25LY Datasheet HTML 1Page - STMicroelectronics ESDA25LY Datasheet HTML 2Page - STMicroelectronics ESDA25LY Datasheet HTML 3Page - STMicroelectronics ESDA25LY Datasheet HTML 4Page - STMicroelectronics ESDA25LY Datasheet HTML 5Page - STMicroelectronics ESDA25LY Datasheet HTML 6Page - STMicroelectronics ESDA25LY Datasheet HTML 7Page - STMicroelectronics ESDA25LY Datasheet HTML 8Page - STMicroelectronics ESDA25LY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ESDALY
Characteristics
DocID022075 Rev 2
5/12
Figure 7: ISO 7637-3 fast transient pulse a
response (VS = -150 V)
Figure 8: ISO 7637-3 fast transient pulse b
response (VS = +100 V)
Figure 9: ISO 7637-3 slow transient positive
pulse(VS = +85 V)
Figure 10: ISO 7637-3 slow transient negative
pulse(VS = -85 V)
0.5 V/div
500 mA/div
50 ns/div
50 ns/div
10 V/div
500 mA/div
50 ns/div
50 ns/div
10 V/div
2A/div
5µs/div
5µs/div
10 V/div
5A/div
5µs/div
5µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com