Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN7000AY Datasheet(PDF) 5 Page - STMicroelectronics

Part # VN7000AY
Description  High-side driver with MultiSense analog feedback for automotive applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7000AY Datasheet(HTML) 5 Page - STMicroelectronics

  VN7000AY Datasheet HTML 1Page - STMicroelectronics VN7000AY Datasheet HTML 2Page - STMicroelectronics VN7000AY Datasheet HTML 3Page - STMicroelectronics VN7000AY Datasheet HTML 4Page - STMicroelectronics VN7000AY Datasheet HTML 5Page - STMicroelectronics VN7000AY Datasheet HTML 6Page - STMicroelectronics VN7000AY Datasheet HTML 7Page - STMicroelectronics VN7000AY Datasheet HTML 8Page - STMicroelectronics VN7000AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
2
Electrical specification
Figure 3. Current and voltage conventions
OUTPUT
MultiSense
SE
n
SEL
0,1
INPUT
I
IN
I
SEL
I
SEn
I
GND
V
SENSE
V
OUT
V
CC
V
Fn
I
S
I
OUT
I
SENSE
V
CC
GAPG220120191445FSR
R_mode
I
R_mode
Note:
VF = VOUT - VCC when VOUT > VCC and INPUT = LOW.
2.1
Absolute maximum ratings
Stressing the device above the rating listed in Table 3. Absolute maximum ratings may cause permanent damage
to the device. These are stress ratings only and operation of the device at these or any other conditions above
those indicated in the operating sections of this specification is not implied. Exposure to the conditions in the table
below for extended periods may affect device reliability.
Table 3. Absolute maximum ratings
Symbol Parameter
Value
Unit
VCC
DC supply voltage
38
V
-VCC
Reverse DC supply voltage
16
VCCPK
Maximum transient supply voltage
(ISO 7637-2:2004 Pulse 5b level IV clamped to 40 V; RL = 4 Ω)
40
V
VCCJS Maximum jump start voltage for single pulse short circuit protection
28
V
-IGND
DC reverse ground pin current
200
mA
IOUT
DC output current
Internally limited
A
-IOUT
Reverse DC output current
140
IIN
DC input current
-1 to 10
mA
ISEn
SEn DC input current
ISEL
SEL0,1 DC input current
IR_mode R_mode DC input current
ISENSE
MultiSense pin DC output current (VGND = VCC and VSENSE < 0 V)
10
mA
MultiSense pin DC output current in reverse (VCC < 0 V)
-20
EMAX
Maximum switching energy (single pulse) (TDEMAG = 0.4 ms; Tjstart = 150 °C, R_mode =
Low)
190
mJ
VESD
Electrostatic discharge (JEDEC 22A-114F)
INPUT
4000
V
VN7000AY
Electrical specification
DS11412 - Rev 7
page 5/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com