Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ7003SYTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # VNQ7003SYTR
Description  Quad-channel high-side driver with 16-bit SPI interface for automotive applications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ7003SYTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VNQ7003SYTR Datasheet HTML 9Page - STMicroelectronics VNQ7003SYTR Datasheet HTML 10Page - STMicroelectronics VNQ7003SYTR Datasheet HTML 11Page - STMicroelectronics VNQ7003SYTR Datasheet HTML 12Page - STMicroelectronics VNQ7003SYTR Datasheet HTML 13Page - STMicroelectronics VNQ7003SYTR Datasheet HTML 14Page - STMicroelectronics VNQ7003SYTR Datasheet HTML 15Page - STMicroelectronics VNQ7003SYTR Datasheet HTML 16Page - STMicroelectronics VNQ7003SYTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 102 page
background image
DS11059 Rev 8
13/102
VNQ7003SY
Functional description
94
This mechanism avoids entering the standby mode unintentionally.
If VDD falls below VDD_POR_OFF, the device enters Reset mode.
Transition to Fail-Safe-mode from Normal mode, using the SPI register
Only one frame is needed.
Transition to Fail-Safe-mode from Normal mode by SW-Reset
SPI Reset is occurring by using the “Read device information” command (applicable only on ROM area)
at reserved ROM address 0x3F. This is equivalent of sending a 0xFF command.
Only one frame is needed.
2.2.4
Normal mode
In this mode, all device functions are available. The transition to this mode is only possible from a
previous Fail-Safe mode.
Outputs can be driven by SPI commands or a combination of SPI command and direct inputs INx.
To maintain the device in normal mode, the watchdog toggle bit in register CONFIG has to be toggled
within the watchdog timeout period tWDTB (see Table 58: Dynamic characteristics - Mode 1or Table 59:
Dynamic characteristics - Mode 2).
Table 2. Frame 1: write CTRL 0x00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Command
OC1
OC0
Address
00
0
0
0
0
0
0
Data
x(1)
1. To avoid an SPI Error Frame due to a stuck at Zero, one bit of data field has to be at '1'. Bit “EN” has to be at ‘0’ to force the
device in Fail safe mode.
x(1)
GOSTBY
UNLOCK
x(1)
xx
EN(1)
X(2)
2. X: do not care.
Table 3. Frame 1: read (ROM) 0x3FH 0x--
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Command
OC1
OC0
Address
1
1
111
111
Data(1)
1. The "X" data field cannot be all ones, otherwise a stuck to VDD is detected.
x
x
xxxx
x
x
X(2)
2. X: do not care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com