Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILT Datasheet(PDF) 3 Page - C&K Components

Part # ILT
Description  Illuminated Toggle Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ILT Datasheet(HTML) 3 Page - C&K Components

  ILT Datasheet HTML 1Page - C&K Components ILT Datasheet HTML 2Page - C&K Components ILT Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
F
F–59
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
9 Dec 21
ILT Series
Illuminated Toggle Switches
MOUNTING HARDWARE
NEW
M12*0.75
16.00
M12*0.75
M12*0.75
16.80
M12*0.75
PART NO.
G01101325
14MM HEX NUT
PART NO.
G01101326
15MM HEX NUT
PART NO.
G01101327
15MM WASHER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com