Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P Datasheet(PDF) 3 Page - C&K Components

Part # P
Description  4 Tumbler Snap-in Switchlocks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

P Datasheet(HTML) 3 Page - C&K Components

  P Datasheet HTML 1Page - C&K Components P Datasheet HTML 2Page - C&K Components P Datasheet HTML 3Page - C&K Components P Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
L–20
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
L
CONTACT AND
OPTION
CODE
TERMINAL MATERIAL
RATING
Q
4 AMPS @ 125 V AC; 1 AMP @ 250 V AC (UL/CSA)
LOW LEVEL/DRY CIRCUIT
OR POWER
G
SILVER 2
POWER
0.4 VA MAX. @ 20 V AC or DC MAX. or 4 AMPS @ 125 V AC;
1 AMP @ 250 V AC (UL/CSA)
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
YES
YES
YES
YES
GOLD OVER SILVER 3
.020 THK.
(0,51)
.080
(2,03)
.046
(1,17)
.085
(2,16)
.246
(6,24)
.100
(2,54)
PANEL MOUNTING
Panel Thickness: .100-.200 (2,54-5,08)
P Series
4 Tumbler Snap-in Switchlocks
LOCK TYPE
C  4 TUMBLER LOCK WITH DETENT
LOCK FINISH
M  PLASTIC LOCK WITH MATTE FINISH
TERMINATIONS
03  SOLDER LUG
WC  WIRE LEAD
CONTACT MATERIAL
2 CONTACTS & TERMINALS: Copper, silver plated (standard with all termination options)
3 CONTACTS & TERMINALS: Copper, with gold plate over silver plate termination
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
All models
with all options when ordered
with ‘Q’ contact material.
OPTION
CODE
LOCK COLOR
BLACK
2
Black wire standard, other colors and
lengths available, consult Customer
Service Center. UL style 1015.
28 Jan 21



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com