Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSEB0730-R30M Datasheet(PDF) 1 Page - Shenzhen Codaca Electronic Co.,Ltd

Part # CSEB0730-R30M
Description  Molded Power Inductor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd

CSEB0730-R30M Datasheet(HTML) 1 Page - Shenzhen Codaca Electronic Co.,Ltd

  CSEB0730-R30M Datasheet HTML 1Page - Shenzhen Codaca Electronic Co.,Ltd CSEB0730-R30M Datasheet HTML 2Page - Shenzhen Codaca Electronic Co.,Ltd CSEB0730-R30M Datasheet HTML 3Page - Shenzhen Codaca Electronic Co.,Ltd CSEB0730-R30M Datasheet HTML 4Page - Shenzhen Codaca Electronic Co.,Ltd CSEB0730-R30M Datasheet HTML 5Page - Shenzhen Codaca Electronic Co.,Ltd CSEB0730-R30M Datasheet HTML 6Page - Shenzhen Codaca Electronic Co.,Ltd CSEB0730-R30M Datasheet HTML 7Page - Shenzhen Codaca Electronic Co.,Ltd CSEB0730-R30M Datasheet HTML 8Page - Shenzhen Codaca Electronic Co.,Ltd CSEB0730-R30M Datasheet HTML 9Page - Shenzhen Codaca Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 / 10
CODACA ELECTRONIC CO., LTD
TEL
: +86 755 89585372
FAX
: +86 755 89585280
http://www.codaca.com
E-mail: info@codaca.com
Molded Power Inductor
CSEB0730 Series
This product is not authorized for use in any application related to safety.
Specification subject to change without notice. Please check web site for latest information.
Revised: 07/14/2020
Outline
:
▪ Low power losses(AC and DC)
▪ Magnetically shielded
▪ Low leakage flux noise
▪ Soft saturation characteristic to withstand high current spikes
Features:
▪ Core material: Alloy powder
▪ Core and winding loss:
See https://www.codaca.com/DesignTool_Power-Inductor-Loss-
Comparison.html
▪ Enviromental:RoHS,Reach compliant ,Halogen free
▪ Weight:1.04g
▪ Moisture Sensitivity:Level (MSL) 1
(unlimited floor life at 5
~40℃, RH≤ 70% relative humidity).
▪ Operating temperature range: -40℃~+125℃
(including coil
’s self temperature rise)
▪ Storage temperature range: -40℃~+125℃
Application:
▪ DC/DC converter for high cuurrent power supplies
▪ DC/DC converter for Field Programmable Gate Array(FPGA)
▪ Wireless power devices/Filte
▪ Battery power devices
1 Electrical Characteristics
2 Product Dimensions (mm)
Part No.
Inductance
(
μH)※1
D.C.R. (m
Ω)
Isat
(A)
※2
Irms
(A)
※3
1.5±0.15
2.8±0.25
5.7±0.3
1
2
7.9±0.2
7.6±0.2
0.10 Min.
Marking
Date Code
3.0±0.2
(4.5) (7.8)
(6.5)
(8.1)
(1.65)
±20%
Typical
Max
Typical
Typical
CSEB0730-R16M
0.16
1.15
1.26
60.0
32.5
CSEB0730-R30M
0.30
1.75
1.92
41.0
27.6
CSEB0730-R60M
0.60
3.60
4.00
36.0
23.0
CSEB0730-1R0M
1.00
4.90
5.50
28.0
21.8
CSEB0730-1R5M
1.50
7.60
8.36
23.5
15.0
CSEB0730-2R2M
2.20
11.0
12.1
18.0
12.9
CSEB0730-2R7M
2.70
12.8
14.1
13.0
11.4
CSEB0730-3R3M
3.30
15.7
18.5
12.3
10.0
CSEB0730-4R7M
4.70
23.5
27.6
10.1
9.00
CSEB0730-5R6M
5.60
28.7
31.6
9.80
7.30
CSEB0730-6R8M
6.80
32.0
37.5
8.70
6.80
3 How to Order
CSEB0730-2R2M
Model
Dimensions
Value Code
Typical Land Pattern
All data is tested on 25
℃ ambient temperature
1. Inductance measure condition at 100kHz,0.1V
2. Isat:the actual value of DC current when the inductance decrease 30% of its initial value
3. Irms:the actual value of DC current when the temperature rise is
ΔT50℃(Ta=25℃)


Similar Part No. - CSEB0730-R30M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Codaca Electro...
CSEB0730H CODACA-CSEB0730H Datasheet
828Kb / 7P
Molded Power Inductor
07/14/2020
CSEB0730H-1R0M CODACA-CSEB0730H-1R0M Datasheet
828Kb / 7P
Molded Power Inductor
07/14/2020
CSEB0730H-1R2M CODACA-CSEB0730H-1R2M Datasheet
828Kb / 7P
Molded Power Inductor
07/14/2020
CSEB0730H-1R5M CODACA-CSEB0730H-1R5M Datasheet
828Kb / 7P
Molded Power Inductor
07/14/2020
CSEB0730H-2R2M CODACA-CSEB0730H-2R2M Datasheet
828Kb / 7P
Molded Power Inductor
07/14/2020
More results

Similar Description - CSEB0730-R30M

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA5447.XXXNLT PULSE-PA5447.XXXNLT Datasheet
1Mb / 4P
Molded Power Inductor
PA5448.XXXNLT PULSE-PA5448.XXXNLT Datasheet
1Mb / 4P
Molded Power Inductor
PA5449.XXXNLT PULSE-PA5449.XXXNLT Datasheet
1Mb / 4P
Molded Power Inductor
logo
Shenzhen Codaca Electro...
CSEB0430H CODACA-CSEB0430H Datasheet
917Kb / 10P
Molded Power Inductor
07/14/2020
CSEB0550H CODACA-CSEB0550H Datasheet
827Kb / 7P
Molded Power Inductor
07/14/2020
CSEB0630 CODACA-CSEB0630 Datasheet
1,008Kb / 10P
Molded Power Inductor
07/14/2020
CSEB0730H CODACA-CSEB0730H Datasheet
828Kb / 7P
Molded Power Inductor
07/14/2020
CSEB0770 CODACA-CSEB0770 Datasheet
933Kb / 10P
Molded Power Inductor
07/14/2020
CSEB0850 CODACA-CSEB0850 Datasheet
929Kb / 7P
Molded Power Inductor
07/14/2020
CSEB1350 CODACA-CSEB1350 Datasheet
900Kb / 7P
Molded Power Inductor
07/14/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com