Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD2L012RF Datasheet(PDF) 1 Page - Belden Inc.

Part # FD2L012RF
Description  Indoor/Outdoor Riser Loose Tube OM2 12 Fibers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

FD2L012RF Datasheet(HTML) 1 Page - Belden Inc.

  FD2L012RF Datasheet HTML 1Page - Belden Inc. FD2L012RF Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: FD2L012RF
Indoor/Outdoor Riser Loose Tube OM2 12 Fibers
Product Description
FX Indoor/Outdoor Loose Tube OM2 12 Fibers OFNR Sub-Units (6F) Gel Black
Technical Specifications
Product Overview
Suitable Applications:
Campus Area Network, Backbone
Fiber Specifications
Fiber Type:
OM2
Fiber Core Diameter:
50/125 µm
Fiber Diameter:
250 µm
Fiber Count:
12
Fiber Color Coding:
TIA-598-D
Cable Construction
Number of Active Subunits:
2
Number of Fillers:
3
Fibers Per Subunit:
6
Subunit Waterblocking:
Gel Filled
Subunit Diameter:
0.110 in (2.8 mm)
Subunit Color:
TIA-598-D
Subunit Strength Members:
Waterblocking aramid yarns
Central Strength Member:
GRP
Core Wrap:
Waterblocking tape
Cable Core Waterblocking:
Waterblock Tape
Inner Jacket Specifications
Material:
PVC - Polyvinyl Chloride
Outer Jacket Specifications
Strength Member:
Waterblocking Aramid Yarns
Jacket Material:
PVC - Polyvinyl Chloride
Nom. Diameter:
0.454 in (11.5 mm)
Color:
Black
Number of Ripcords:
2
Optical Characteristics
Wavelength
850 nm
1300 nm
Max. Attenuation
3.0 dB/km
1.0 dB/km
1 Gigabit Ethernet Performance
600 m
600 m
10 Gigabit Ethernet Performance
82 m
-
Min. Restricted Mode Launch
950 MHz.km 500 MHz.km
Min. Overfilled Launch (OFL) Bandwidth 700 MHz.km 500 MHz.km


Similar Part No. - FD2L012RF

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
FD2L012RD BELDEN-FD2L012RD Datasheet
140Kb / 2P
Indoor/Outdoor Riser Loose Tube OM2 12F Unitized
11-09-2022
FD2L012RG BELDEN-FD2L012RG Datasheet
140Kb / 2P
Indoor/Outdoor Riser Loose Tube OM2 12 Fibers
11-09-2022
More results

Similar Description - FD2L012RF

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
FD2L006LF BELDEN-FD2L006LF Datasheet
143Kb / 2P
Indoor/Outdoor Riser Loose Tube OM2 6 Fibers
11-09-2022
FD2L012LF BELDEN-FD2L012LF Datasheet
142Kb / 2P
Indoor/Outdoor Riser Loose Tube OM2 12 Fibers
11-09-2022
FD2L012RG BELDEN-FD2L012RG Datasheet
140Kb / 2P
Indoor/Outdoor Riser Loose Tube OM2 12 Fibers
11-09-2022
FD2L024LF BELDEN-FD2L024LF Datasheet
143Kb / 2P
Indoor/Outdoor Riser Loose Tube OM2 24 Fibers
11-09-2022
FD2L024RG BELDEN-FD2L024RG Datasheet
140Kb / 2P
Indoor/Outdoor Riser Loose Tube OM2 24 Fibers
11-09-2022
FD2L036RG BELDEN-FD2L036RG Datasheet
141Kb / 2P
Indoor/Outdoor Riser Loose Tube OM2 36 Fibers
11-09-2022
FD2L048LG BELDEN-FD2L048LG Datasheet
144Kb / 2P
Indoor/Outdoor Riser Loose Tube OM2 48 Fibers
11-09-2022
FD2L048RG BELDEN-FD2L048RG Datasheet
144Kb / 2P
Indoor/Outdoor Riser Loose Tube OM2 48 Fibers
11-09-2022
FD2L072RG BELDEN-FD2L072RG Datasheet
143Kb / 2P
Indoor/Outdoor Riser Loose Tube OM2 72 Fibers
11-09-2022
FD2L144RG BELDEN-FD2L144RG Datasheet
145Kb / 2P
Indoor/Outdoor Riser Loose Tube OM2 144 Fibers
11-09-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com