Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6352YSC3B2.6 Datasheet(PDF) 7 Page - EM Microelectronic - MARIN SA

Part # EM6352YSC3B2.6
Description  Voltage Detector, High-Precision
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6352YSC3B2.6 Datasheet(HTML) 7 Page - EM Microelectronic - MARIN SA

  EM6352YSC3B2.6 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6352YSC3B2.6 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6352YSC3B2.6 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6352YSC3B2.6 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6352YSC3B2.6 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6352YSC3B2.6 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6352YSC3B2.6 Datasheet HTML 7Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
EM6352
Copyright
© 2006, EM Microelectronic-Marin SA
03/06 – rev.I
7
www.emmicroelectronic.com
Package Information (continued)
NOTE:
"
All dimensions are in millimeters
"
Dimensions are inclusive of plating
"
Dimensions are exclusive of mold flash & metal burr
"
All specifications comply to EIAJ SC70
"
Even though the width of pin 2 on SC70-4L is slightly larger than on so-
called 4-pin SC-82AB, the footprint of SC70-4L package is compatible
with the footprint of SC-82AB package from other suppliers, and thus
suitable for pin-to-pin replacement. Please check footprint on PCB.
L
Q1
c
E
D
e
HE
b1
PIN 1
A
A1
A2
SYMBOL
MIN
MAX
e
e1
D1.80
2.20
b0.15
0.30
b1
0.575
0.70
E1.15
1.35
HE
1.80
2.40
Q1
0.10
0.40
A2
0.80
1.00
A1
0.00
0.10
A0.80
1.10
c0.10
0.18
L0.10
0.30
0.65 BSC
0.5 BSC
b
e
e1
SC70-4L
Traceability for small packages
Due to the limited space on the package surface, the bottom marking contains a limited number of characters that provide only partial
information for lot traceability. Full information for complete traceability is however provided on the packing labels of the product at
delivery from EM. It is highly recommended that the customer insures full lot traceability of EM product in his final product.
EM Microelectronic-Marin SA (EM) makes no warranty for the use of its products, other than those expressly contained in the
Company's standard warranty which is detailed in EM's General Terms of Sale located on the Company's web site. EM assumes no
responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at
any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other
intellectual property of EM are granted in connection with the sale of EM products, expressly or by implications. EM's products are not
authorized for use as components in life support devices or systems.
Product qualification is performed according to internal EM quality standards for industrial products. For any special requirement (eg. automotive grade) please
contact EM Microelectronic-Marin S.A.
L
Q1
c
E
D
b
HE
e
e
PIN 1
NOTE:
"
All dimensions are in millimeters
"
Dimensions are inclusive of plating
"
Dimensions are exclusive of mold flash & metal burr
"
All specifications comply to EIAJ SC70
A
A1
A2
SYMBOL
MIN
MAX
e
D1.80
2.20
b0.25
0.40
E1.15
1.35
HE
1.80
2.40
Q1
0.10
0.40
A2
0.80
1.00
A1
0.00
0.10
A0.80
1.10
c0.10
0.18
L0.10
0.30
0.65 BSC
SC70-3L



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com