Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB185N55 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STB185N55
Description  N-channel 55V - 2.9mohm - 120A - D2PAK/TO-220
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB185N55 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STB185N55 Datasheet HTML 2Page - STMicroelectronics STB185N55 Datasheet HTML 3Page - STMicroelectronics STB185N55 Datasheet HTML 4Page - STMicroelectronics STB185N55 Datasheet HTML 5Page - STMicroelectronics STB185N55 Datasheet HTML 6Page - STMicroelectronics STB185N55 Datasheet HTML 7Page - STMicroelectronics STB185N55 Datasheet HTML 8Page - STMicroelectronics STB185N55 Datasheet HTML 9Page - STMicroelectronics STB185N55 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Test circuit
STB185N55 - STP185N55
6/12
3
Test circuit
Figure 1.
Switching times test circuit for
resistive load
Figure 2.
Gate charge test circuit
Figure 3.
Test circuit for inductive load
switching and diode recovery times
Figure 4.
Unclamped Inductive load test
circuit
Figure 5.
Unclamped inductive waveform
Figure 6.
Switching time waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com