Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3856 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STG3856
Description  Low Voltage 1.0??Max Dual SP3T Switch With Break Before Make Feature
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3856 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STG3856 Datasheet HTML 5Page - STMicroelectronics STG3856 Datasheet HTML 6Page - STMicroelectronics STG3856 Datasheet HTML 7Page - STMicroelectronics STG3856 Datasheet HTML 8Page - STMicroelectronics STG3856 Datasheet HTML 9Page - STMicroelectronics STG3856 Datasheet HTML 10Page - STMicroelectronics STG3856 Datasheet HTML 11Page - STMicroelectronics STG3856 Datasheet HTML 12Page - STMicroelectronics STG3856 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
STG3856
4 Package Mechanical Data
11/13
Table 8.
QFN12L (2.2mm x 1.4mm) Mechanical Data
Figure 4.
QFN12L Package Dimensions
Dimensions
Ref
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.50
0.55
0.60
0.019
0.021
0.023
A1
0
0.02
0.05
0
0.001
0.002
b
0.15
0.20
0.25
0.006
0.007
0.010
D
1.30
1.40
1.50
0.051
0.055
0.059
E
2.10
2.20
2.30
0.082
0.086
0.090
e
0.40
0.015
L
0.35
0.40
0.45
0.013
0.015
0.017
All dimensions are in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com