Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P185N55 Datasheet(PDF) 1 Page - STMicroelectronics

Part # P185N55
Description  N-channel 55V - 2.9mohm - 120A - D2PAK/TO-220
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P185N55 Datasheet(HTML) 1 Page - STMicroelectronics

  P185N55 Datasheet HTML 1Page - STMicroelectronics P185N55 Datasheet HTML 2Page - STMicroelectronics P185N55 Datasheet HTML 3Page - STMicroelectronics P185N55 Datasheet HTML 4Page - STMicroelectronics P185N55 Datasheet HTML 5Page - STMicroelectronics P185N55 Datasheet HTML 6Page - STMicroelectronics P185N55 Datasheet HTML 7Page - STMicroelectronics P185N55 Datasheet HTML 8Page - STMicroelectronics P185N55 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TARGET SPECIFICATION
This is preliminary information on a new product foreseen to be developed. Details are subject to change without notice.
August 2006
Rev 3
1/12
12
STB185N55
STP185N55
N-channel 55V - 2.9m
Ω - 120A - D2PAK/TO-220
MDmesh™ low voltage Power MOSFET
General features
■ Ultra low on-resistance
■ 100% avalanche tested
Description
This n-channel enhancement mode Power
MOSFET is the latest refinement of
STMicroelectronic unique “single feature size™“
strip-based process with less critical aligment
steps and therefore a remarkable manufacturing
reproducibility. The resulting transistor shows
extremely high packing density for low on-
resistance, rugged avalanche characteristics and
low gate charge.
Applications
■ Switching application
– Automotive
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STB185N55
55V
3.5m
Ω
120A(1)
1.
Value limited by wire bonding
STP185N55
55V
3.8m
Ω
120A(1)
D2PAK
1
3
TO-220
1
2
3
www.st.com
Order codes
Part number
Marking
Package
Packaging
STB185N55
B185N55
D2PAK
Tape & reel
STP185N55
P185N55
TO-220
Tube


Similar Part No. - P185N55

ManufacturerPart #DatasheetDescription
logo
NIKO SEMICONDUCTOR CO.,...
P1850EF NIKOSEM-P1850EF Datasheet
216Kb / 4P
N-Channel High Voltage Mode Field Effect Transistor
logo
Unisonic Technologies
P1856-AA3-R UTC-P1856-AA3-R Datasheet
89Kb / 3P
HIGH CURRENT TRANSISTOR
More results

Similar Description - P185N55

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP80NF55L-08 STMICROELECTRONICS-STP80NF55L-08 Datasheet
320Kb / 8P
N-CHANNEL 55V - 0.0065ohm - 80A - TO-220/D2PAK STripFET™ II POWER MOSFET
Apr-2003
STB300NH02L STMICROELECTRONICS-STB300NH02L Datasheet
474Kb / 14P
N-channel 24V - 120A - TO-220 / D2PAK STripFET TM Power MOSFET
21-Feb-2007
STB100NF04 STMICROELECTRONICS-STB100NF04_07 Datasheet
394Kb / 17P
N-channel 40V - 0.0043ohm - 120A - TO-220 - D2PAK STripFET TM II Power MOSFET
20-Feb-2007
STP200N4F3 STMICROELECTRONICS-STP200N4F3 Datasheet
319Kb / 14P
N-channel 40V - 0.0035Ω - 120A - D2PAK - TO-220 planar STripFET™Power MOSFET
02-Oct-2007
STB185N55F3 STMICROELECTRONICS-STB185N55F3 Datasheet
335Kb / 14P
N-channel 55V - 3.2mΩ - 120A - D2PAK/TO-220 STripFET??Power MOSFET
28-Jun-2007
STB150NF55 STMICROELECTRONICS-STB150NF55_06 Datasheet
561Kb / 19P
N-channel 55V - 0.005廓 - 120A - D2PAK/TO-220/TO-247 STripFET??II Power MOSFET
26-Jun-2006
STB160N75F3_0710 STMICROELECTRONICS-STB160N75F3_0710 Datasheet
390Kb / 16P
N-channel 75V - 3.5m廓 - 120A - TO-220 - TO-247 - D2PAK STripFET??Power MOSFET
02-Oct-2007
STB180N55F3 STMICROELECTRONICS-STB180N55F3 Datasheet
440Kb / 14P
N-channel 55V - 3.2m廓 - 120A - D2PAK/TO-220 STripFET??Power MOSFET
01-Jun-2007
STB300NH02L_0709 STMICROELECTRONICS-STB300NH02L_0709 Datasheet
329Kb / 14P
N-channel 24V - 120A - TO-220 / D2PAK STripFET??Power MOSFET
25-Sep-2007
STB140NF75T4 STMICROELECTRONICS-STB140NF75T4 Datasheet
545Kb / 18P
N-channel 75V - 0.0065 - 120A - D2PAK/I2/TO-220 STripFET III Power MOSFET
28-Jun-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com