Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP5700AM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP5700AM
Description  Telephone Speech Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP5700AM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  TP5700AM Datasheet HTML 1Page - National Semiconductor (TI) TP5700AM Datasheet HTML 2Page - National Semiconductor (TI) TP5700AM Datasheet HTML 3Page - National Semiconductor (TI) TP5700AM Datasheet HTML 4Page - National Semiconductor (TI) TP5700AM Datasheet HTML 5Page - National Semiconductor (TI) TP5700AM Datasheet HTML 6Page - National Semiconductor (TI) TP5700AM Datasheet HTML 7Page - National Semiconductor (TI) TP5700AM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Va with Respect to Vb
20V
Voltage at Any Other Pin
Va a 03V to Vb b 03V
Operating Temperature TA
b
25 Cto a70 C
Power Dissipation (Note 3)
1W
Storage Temperature TS
b
65 Cto a150 C
Junction Temperature
150 C
Lead Temperature (Soldering 10 seconds)
300 C
DC Electrical Characteristics
Unless otherwise specified all tests based on the test circuits shown in
Figure 1 all limits printed in bold characters are
guaranteed at TA e 0 Cto a60 C by correlation with 100% testing at TA e 25 C All other limits are assured by by correlation
with other production tests andor product design and characterization
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ILOOP e 5 mA
28
V
VT-R
Tip-Ring Voltage including
e
20 mA
45
V
nominal 14V polarity guard
e
50 mA
7
V
(See
Figure 1 )
e
80 mA
105
V
e
120 mA
15
V
VI
Minimum Instantaneous
Va to Vb
10
V
Voltage Swing
ILOOP e 5mA
TRANSMIT AMPLIFIER
RXIN
Input Resistance
From Pin 7 to Vb
15
30
50
kX
GXA
Gain at 1 kHz
RAGC e 0X to Vb
ILOOP e 20 mA TA e 25 C only
33
35
37
dB
GXT
Gain Variation v TA
g
1dB
GXI
Gain Variation v ILOOP
ILOOP e 20 to 100 mA
b
6dB
NX
Transmit Noise
MIC IN1 e 0V
12
18
dBrnC
SDX
SignalTotal Harmonic
ILOOP t 20 mA
Distortion
VL e 800 mVrms
2
10
%
GXM
Gain Change when MUTED
MUTE IN t VMON
b
55
dB
DTMF AMPLIFIER
RDIN
Input Resistance
From Pin 8 to Vb
10
20
55
kX
GXD
Gain at 1 kHz
RAGC e 0X to Vb
ILOOP e 20 mA TA e 25 C only
35
55
75
dB
SDXD
SignalTotal
ILOOP e 20 mA
3
10
%
Harmonic Distortion
VL e 106 Vrms TA e 25 C only
GXDT
Gain Variation v TA
g
1dB
GXDI
Gain Variation v ILOOP
ILOOP e 20 to 100 mA
b
6dB
MUTE INPUT
IMIN
Input Current
Pin 9 e 15V
40
m
A
VMOFF
MUTE OFF Input Voltage
05
V
VMON
MUTE ON Input Voltage
15
V
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com