Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2007TK/N2 Datasheet(PDF) 13 Page - Texas Instruments

Part # UBA2007TK/N2
Description  Charge switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UBA2007TK/N2 Datasheet(HTML) 13 Page - Texas Instruments

Back Button UBA2007TK/N2 Datasheet HTML 9Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 10Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 11Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 12Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 13Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 14Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 15Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 16Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
2003 Oct 01
13
Philips Semiconductors
Product specification
Charge switch
UBA2007
11 APPLICATION INFORMATION
11.1
Application diagram
11.2
Soft switching
handbook, full pagewidth
MRC315
CHARGER
WALL PLUG
ACCESSORIES
PCF50604
HOST
CONTROLLER
GPIOx
GPIOx
(1)
yyVIN
xxVIN
AUXON
MBCFAST
MBCSLOW
VBAT (or BATVOLT)
I2C-bus
UBA2007
CHGOK_N
SWMOD
RLIMF
CURMOD
10
6
9
8
CHG
CHG
7
REVMOD
2
1
BAT
BAT
5
4
Fig.4 UBA2007 in combination with the PCF50604 PMU.
An external capacitor can be added on VCHG (typically 10 nF) to prevent any oscillation of the pre-charge current.
This applies only when using a linear charger.
handbook, full pagewidth
200
µs/div.
Limit set to 1 A(1)
ICHG
SWMOD
MGX394
Ch1 2.00 V
T
Ch4 500 mA/
Ω
Fig.5 Soft switching sequence (CURMOD = LOW).
(1) Limit is set by selecting RRLIMF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com