Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVAM Datasheet(PDF) 2 Page - Samtec, Inc

Part # NVAM
Description  EXTREME PERFORMANCE HIGH-DENSITY ARRAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

NVAM Datasheet(HTML) 2 Page - Samtec, Inc

  NVAM Datasheet HTML 1Page - Samtec, Inc NVAM Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STACK
HEIGHTS
TOTAL PAIRS
INSULATOR
MATERIAL
CONTACT
MATERIAL
PLATING
CURRENT
RATING
WORKING
VOLTAGE
LEAD-FREE
SOLDERABLE
7 mm, 9 mm,
10 mm & 12 mm
Up to
32 pairs
Black LCP
Copper Alloy
Au or Sn over
50 µ" (1.27 µm) Ni
2.1 A per pin
(signal)
9.6 A per pin
(ground)
200 VAC
Yes
0.80 mm x 1.80 mm PITCH • EXTREME PERFORMANCE ARRAYS
SERIES
- STYLE - NO.OF
ROWS
- NO.OF
BANKS
- LEAD
STYLE
- PLATING
OPTION
- SOLDER
TYPE
- K - "X"R
NVAM
Terminal
NVAF
Socket
–DP
= 4 pairs
per wafer
–02
–03
–04
–1
= 1 Bank
–2
= 2 Banks
–02.0
= (2 mm)
.0787"
(NVAM only)
–05.0
= (5 mm)
.1969"
–07.0
= (7 mm)
.2756”
(NVAF only)
–S
= 30 µ"
(0.76 µm)
Gold on
contact area,
Matte Tin on
solder tail
–2
= Lead-Free
Solder Charge
–K
= (3.50
mm)
.138" DIA
Polyimide
film Pick &
Place Pad
–TR
= Tape & Reel
–FR
= Full Reel
Tape & Reel
(must order
maximum
quantity
per reel;
contact Samtec
for quantity
breaks)
NVAF
NVAM
Notes:
Some sizes, styles and
options are non-standard,
non-returnable
Board Mates:
NVAF
Board Mates:
NVAM
MATED HEIGHTS*
NVAF LEAD STYLE
NVAM LEAD STYLE
—02.0
—05.0
—05.0
(7.00) .276
(10.00) .394
—07.0
(9.00) .354
(12.00) .472
*Processing conditions will affect mated height.
AGGREGATE DATA RATE (NRZ)
448
Gbps
672
Gbps
896
Gbps
1344
Gbps
1792
Gbps
1 Bank
2 Bank
2 Row
3 Row
4 Row 2 Row
3 Row
4 Row
8 Pairs
12 Pairs
16 Pairs
24 Pairs
32 Pairs
NO. OF
BANKS
A
–1
(20.25)
.797
–2
(36.25)
1.427
NO. OF
ROWS
C
–02
(6.00)
.236
–03
(7.80)
.307
–04
(9.60)
.378
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
NO. OF
BANKS
A
–1
(21.75)
.856
–2
(37.75)
1.486
NO. OF
ROWS
C
–02
(7.80)
.307
–03
(9.60)
.378
–04
(11.40)
.449
LEAD
STYLE
B
–02.0
(5.46)
.215
–05.0
(8.46)
.333
LEAD
STYLE
B
–05.0
(4.80)
.189
–07.0
(6.80)
.268
View complete specifications at:
samtec.com?NVAM
View complete specifications at:
samtec.com?NVAF
B
C
A
C
B
A
F-221 (Rev 09MAR22)
samtec.com/NovaRay



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com