Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSMD020 Datasheet(PDF) 4 Page - DB Lectro Inc

Part # FSMD020
Description  Surface Mount PTC FSMD Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

FSMD020 Datasheet(HTML) 4 Page - DB Lectro Inc

  FSMD020 Datasheet HTML 1Page - DB Lectro Inc FSMD020 Datasheet HTML 2Page - DB Lectro Inc FSMD020 Datasheet HTML 3Page - DB Lectro Inc FSMD020 Datasheet HTML 4Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Pad Layouts
Solder Reflow and Rework Recommendations
The dimension in the table below provide the recommended pad layout for each FSMD device
Pad dimensions(millimeters)
Device
A
Nominal
B
Nominal
C
Nominal
FSMD014
3.45
1.78
3.15
FSMD020
3.45
1.78
3.15
FSMD035
3.45
1.78
3.15
FSMD050
3.45
1.78
3.15
FSMD075
3.45
1.78
3.15
FSMD110
3.45
1.78
3.15
FSMD160
3.45
1.78
3.15
Solder reflow
1
Recommended reflow methods; IR , vapor phase
oven, hot air oven.
2
The FSMD014
FSMD020
FSMD035
FSMD050 FSMD075 FSMD110 and FSMD160
devices are suitable for use with wave-solder
application methods.
3
Recommended maximum paste thickness is
0.25mm.
4
Devices can be cleaned using standard industry
methods and solvents.
CAUTION:
If reflow temperatures exceed the recommended
Profile, devices may not meet the performance
requirements.
Rework:
Use standard industry practices.
Surface Mount PTC FSMD Series
FUZETEC
DB LECTRO Inc., 3600-I, boulevard Matte, Brossard, QC J4Y 2Z2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com