Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSEB0880-R68M Datasheet(PDF) 10 Page - Shenzhen Codaca Electronic Co.,Ltd

Part # CSEB0880-R68M
Description  Molding Power Inductor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd

CSEB0880-R68M Datasheet(HTML) 10 Page - Shenzhen Codaca Electronic Co.,Ltd

Back Button CSEB0880-R68M Datasheet HTML 2Page - Shenzhen Codaca Electronic Co.,Ltd CSEB0880-R68M Datasheet HTML 3Page - Shenzhen Codaca Electronic Co.,Ltd CSEB0880-R68M Datasheet HTML 4Page - Shenzhen Codaca Electronic Co.,Ltd CSEB0880-R68M Datasheet HTML 5Page - Shenzhen Codaca Electronic Co.,Ltd CSEB0880-R68M Datasheet HTML 6Page - Shenzhen Codaca Electronic Co.,Ltd CSEB0880-R68M Datasheet HTML 7Page - Shenzhen Codaca Electronic Co.,Ltd CSEB0880-R68M Datasheet HTML 8Page - Shenzhen Codaca Electronic Co.,Ltd CSEB0880-R68M Datasheet HTML 9Page - Shenzhen Codaca Electronic Co.,Ltd CSEB0880-R68M Datasheet HTML 10Page - Shenzhen Codaca Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10 / 10
CODACA ELECTRONIC CO., LTD
TEL
: +86 755 89585372
FAX
: +86 755 89585280
http://www.codaca.com
E-mail: info@codaca.com
Molding Power Inductor
CSEB0880 Series
This product is not authorized for use in any application related to safety.
Specification subject to change without notice. Please check web site for latest information.
Revised: 07/14/2020
9 Notice of Use
9.1 Special remind:Circuit design, component placement, PCB size and thickness, cooling system and etc.
all will affect the product temperature. Please verify the product temperature in the final application.
9.2 Product in packing storage condition:temperature 5
~40℃, RH≤ 70%.
If taking out for use, the remaining products should be sealed in plastic bags and preserved in accordance
With the above conditions, to avoid oxidation of terminals (electrodes), affecting soldering status.
9.3 A storage of Codaca Electronic products for longer than 12 months is not recommended, Within other
effects, the terminals may suffer degradation, resulting in bad solderability. Therefore, all products shall
be used within the period of 12 months based on the day of shipment.
9.4 Do not keep products in unsuitable storage conditions, such as areas susceptible to high temperatures,
high humidity, dust or corrosion.
9.5 Always handle products with care.
9.6 Don't touch electrodes directly with bare hands as oil secretions may inhibit soldering.
Always ensure optimum conditions for soldering.
9.7 When this product will be used on a similar or new project to the original one,
sometimes it might be unable to satisfy the specifications due to different condition of usage.
9.8 This inductor itself does not have any protective function in abnormal condition, such as overload,
short-circuit, open-circuit conditions, etc. Therefore, it shall be confirmed that there is no risk of smoke,
fire, dielectric withstand voltage, insulation resistance, etc., or use in abnormal conditions protective
devices or protection circuit in the end product.
9.9 Hi-Pot test with higher voltage than spec value will damage insulating material and shorten its life.
9.10 If using in potting compound, the magnet wire coating might be damaged, please consult with us.
9.11 Refrain from rinsing product. If necessary, please consult with us.
*9.12 Codaca Electronic products without "V" prefix are qualified for industrial product requirement , and with "V"
prefix are qualified for AEC-Q200, but it doesn't mean that Codaca Electronic products can absolutely meet
specific industry norms and quality test standards in automotive electronics or more strict application fields .
Codaca Electronic will be exempted from being responsible for the consequences of using Codaca products
in automotive electronic or higher application field related to safety when without being aware of it.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com