Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSEB1030-R16M Datasheet(PDF) 1 Page - Shenzhen Codaca Electronic Co.,Ltd

Part # CSEB1030-R16M
Description  Molding Power Inductor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd

CSEB1030-R16M Datasheet(HTML) 1 Page - Shenzhen Codaca Electronic Co.,Ltd

  CSEB1030-R16M Datasheet HTML 1Page - Shenzhen Codaca Electronic Co.,Ltd CSEB1030-R16M Datasheet HTML 2Page - Shenzhen Codaca Electronic Co.,Ltd CSEB1030-R16M Datasheet HTML 3Page - Shenzhen Codaca Electronic Co.,Ltd CSEB1030-R16M Datasheet HTML 4Page - Shenzhen Codaca Electronic Co.,Ltd CSEB1030-R16M Datasheet HTML 5Page - Shenzhen Codaca Electronic Co.,Ltd CSEB1030-R16M Datasheet HTML 6Page - Shenzhen Codaca Electronic Co.,Ltd CSEB1030-R16M Datasheet HTML 7Page - Shenzhen Codaca Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1 / 7
CODACA ELECTRONIC CO., LTD
TEL
: +86 755 89585372
FAX
: +86 755 89585280
http://www.codaca.com
E-mail: info@codaca.com
Molding Power Inductor
CSEB1030 Series
This product is not authorized for use in any application related to safety.
Specification subject to change without notice. Please check web site for latest information.
Revised: 07/14/2020
Outline
:
▪ Low power losses(AC and DC)
▪ Magnetically shielded
▪ Low leakage flux noise
▪ Soft saturation characteristic to withstand high current spikes
Features:
▪ Core material: Alloy powder
▪ Core and winding loss:
See https://www.codaca.com/DesignTool_Power-Inductor-Loss-
Comparison.html
▪ Enviromental:RoHS,Reach compliant ,Halogen free
▪ Weight:2.06g
▪ Moisture Sensitivity:Level (MSL) 1
(unlimited floor life at 5
~40℃, RH≤ 70% relative humidity).
▪ Operating temperature range: -40℃~+125℃
(including coil
’s self temperature rise)
▪ Storage temperature range: -40℃~+125℃
Application:
▪ DC/DC converter for high cuurrent power supplies
▪ DC/DC converter for Field Programmable Gate Array(FPGA)
▪ Wireless power devices/Filte
▪ Battery power devices
1 Electrical Characteristics
2 Product Dimensions (mm)
Part No.
Inductance
(
μH)※1
D.C.R. (m
Ω)
Isat
(A)
※2
Irms
(A)
※3
Marking
Date Code
11.6±0.3
10.5±0.3
3.0±0.2
0.15Min.
2.2±0.3
4.45±0.3
8.3±0.5
1
2
(9.0)
(2.5)
(6.4)
(11.9)
(10.8)
±20%
Typical
Max.
Typical
Typical
CSEB1030-R16M
0.16
1.10
1.21
88.0
42.0
CSEB1030-R30M
0.30
1.55
1.70
68.0
35.0
CSEB1030-R56M
0.56
2.50
2.75
44.0
32.0
CSEB1030-1R0M
1.00
4.50
4.95
35.0
23.0
CSEB1030-2R2M
2.20
9.90
13.0
25.0
15.0
3 How to Order
CSEB1030-R16M
Model
Dimensions
Value Code
Typical Land Pattern
All data is tested on 25
℃ ambient temperature
1. Inductance measure condition at 100kHz,0.1V
2. Isat:the actual value of DC current when the inductance decrease 30% of its initial value
3. Irms:the actual value of DC current when the temperature rise is
ΔT50℃(Ta=25℃)


Similar Part No. - CSEB1030-R16M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Codaca Electro...
CSEB1060 CODACA-CSEB1060 Datasheet
907Kb / 7P
Molding Power Inductor
07/14/2020
CSEB1060-1R2M CODACA-CSEB1060-1R2M Datasheet
907Kb / 7P
Molding Power Inductor
07/14/2020
CSEB1060-1R5M CODACA-CSEB1060-1R5M Datasheet
907Kb / 7P
Molding Power Inductor
07/14/2020
CSEB1060-2R2M CODACA-CSEB1060-2R2M Datasheet
907Kb / 7P
Molding Power Inductor
07/14/2020
CSEB1060-3R3M CODACA-CSEB1060-3R3M Datasheet
907Kb / 7P
Molding Power Inductor
07/14/2020
More results

Similar Description - CSEB1030-R16M

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0520LR ABRACON-ASPI-0520LR Datasheet
1Mb / 4P
Molding Type Power Inductor
11.15.11
ASPI-0530HI ABRACON-ASPI-0530HI Datasheet
1Mb / 3P
Molding Type Power Inductor
11.17.11
ASPI-0530LR ABRACON-ASPI-0530LR Datasheet
1Mb / 4P
Molding Type Power Inductor
11.13.11
ASPI-0630HI ABRACON-ASPI-0630HI Datasheet
2Mb / 5P
Molding Type Power Inductor
11.17.11
ASPI-1040HI ABRACON-ASPI-1040HI Datasheet
1Mb / 4P
Molding Type Power Inductor
11.19.11
logo
Shenzhen Codaca Electro...
CSEB0880 CODACA-CSEB0880 Datasheet
977Kb / 10P
Molding Power Inductor
07/14/2020
CSEB1060 CODACA-CSEB1060 Datasheet
907Kb / 7P
Molding Power Inductor
07/14/2020
CSEB1090 CODACA-CSEB1090 Datasheet
1Mb / 10P
Molding Power Inductor
07/14/2020
CSEB1508 CODACA-CSEB1508 Datasheet
970Kb / 10P
Molding Power Inductor
07/14/2020
CSEB1510 CODACA-CSEB1510 Datasheet
1Mb / 10P
Molding Power Inductor
07/14/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com