Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSEB1030-R56M Datasheet(PDF) 3 Page - Shenzhen Codaca Electronic Co.,Ltd

Part # CSEB1030-R56M
Description  Molding Power Inductor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd

CSEB1030-R56M Datasheet(HTML) 3 Page - Shenzhen Codaca Electronic Co.,Ltd

  CSEB1030-R56M Datasheet HTML 1Page - Shenzhen Codaca Electronic Co.,Ltd CSEB1030-R56M Datasheet HTML 2Page - Shenzhen Codaca Electronic Co.,Ltd CSEB1030-R56M Datasheet HTML 3Page - Shenzhen Codaca Electronic Co.,Ltd CSEB1030-R56M Datasheet HTML 4Page - Shenzhen Codaca Electronic Co.,Ltd CSEB1030-R56M Datasheet HTML 5Page - Shenzhen Codaca Electronic Co.,Ltd CSEB1030-R56M Datasheet HTML 6Page - Shenzhen Codaca Electronic Co.,Ltd CSEB1030-R56M Datasheet HTML 7Page - Shenzhen Codaca Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3 / 7
CODACA ELECTRONIC CO., LTD
TEL
: +86 755 89585372
FAX
: +86 755 89585280
http://www.codaca.com
E-mail: info@codaca.com
Molding Power Inductor
CSEB1030 Series
This product is not authorized for use in any application related to safety.
Specification subject to change without notice. Please check web site for latest information.
Revised: 07/14/2020
5 L vs Frequency
0.01
0.10
1.00
0.1
1
10
100
Frequency (MHz)
CSEB1030-R16M
0.01
0.10
1.00
0.1
1
10
100
Frequency (MHz)
CSEB1030-R30M
0.10
1.00
10.00
0.1
1
10
100
Frequency (MHz)
CSEB1030-R56M
0.10
1.00
10.00
0.1
1
10
100
Frequency (MHz)
CSEB1030-1R0M
0.10
1.00
10.00
0.1
1
10
100
Frequency (MHz)
CSEB1030-2R2M



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com