Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPM4020T-R10N-DZ Datasheet(PDF) 2 Page - TDK Electronics

Part # SPM4020T-R10N-DZ
Description  Inductors for power circuits Wound metal SPM-DZ series (for automobiles)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SPM4020T-R10N-DZ Datasheet(HTML) 2 Page - TDK Electronics

  SPM4020T-R10N-DZ Datasheet HTML 1Page - TDK Electronics SPM4020T-R10N-DZ Datasheet HTML 2Page - TDK Electronics SPM4020T-R10N-DZ Datasheet HTML 3Page - TDK Electronics SPM4020T-R10N-DZ Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20220515
(2/4)
inductor_automotive_power_spm4020-dz_en.fm
INDUCTORS
SPM4020-DZ type
L FREQUENCY CHARACTERISTICS
Measurement equipment
* Equivalent measurement equipment may be used.
L VS. DC BIAS CHARACTERISTICS
Measurement equipment
* Equivalent measurement equipment may be used.
Product No.
Manufacturer
4294A
Keysight Technologies
Product No.
Manufacturer
4284A+42841A
Keysight Technologie
Frequency(MHz)
0.1
1
10
100
0.01
0.1
1
10
100
2R2
1R5
1R0
R47
R22
R10
DC current(A)
0
0
0.5
1
1.5
2
2.5
3
3.5
4
5
10152025
30
3540
2R2
1R5
1R0
R47
R22
R10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com