Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F845 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F845
Description  Bus interface latches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F845 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F845 Datasheet HTML 1Page - NXP Semiconductors 74F845 Datasheet HTML 2Page - NXP Semiconductors 74F845 Datasheet HTML 3Page - NXP Semiconductors 74F845 Datasheet HTML 4Page - NXP Semiconductors 74F845 Datasheet HTML 5Page - NXP Semiconductors 74F845 Datasheet HTML 6Page - NXP Semiconductors 74F845 Datasheet HTML 7Page - NXP Semiconductors 74F845 Datasheet HTML 8Page - NXP Semiconductors 74F845 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Philips Semiconductors
Product specification
74F841/74F842/74F843/
74F845/74F846
Bus interface latches
74F841/74F842 10-bit bus interface latches, non-inverting/inverting (3-State)
74F843 9-bit bus interface latch, non-inverting (3-State)
74F845/74F846 8-bit bus interface latches, non-inverting/inverting (3-State)
2
1999 Jun 23
853–1208 21851
FEATURES
• High speed parallel latches
• Extra data width for wide address/data paths or buses carrying
parity
• High impedance NPN base input structure minimizes bus loading
• IIL is 20µA vs 1000A for AM29841 series
• Buffered control inputs to reduce AC effects
• Ideal where high speed, light loading, or increased fan-in are
required as with MOS microprocessors
• Positive and negative over-shoots are clamped to ground
• 3-State outputs glitch free during power-up and power-down
• 48mA sink current
• Slim dual in-line 300 mil package
• Broadside pinout
• Pin-for-pin and function compatible with AMD AM29841-846
series
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F841, 74F842
5.5ns
60mA
74F843, 74F845
5.5ns
75mA
74F846
6.2ns
60mA
DESCRIPTION
The 74F841–74F846 bus interface latch series are designed to
provide extra data width for wider address/data paths of buses
carrying parity.
The 74F841–74F846 series are funcitonally an pin compatible to the
AMD AM29841–AM29846 series.
The 74F841 consists of ten D-type latches with 3-State outputs. The
flip-flops appear transparent to the data when Latch Enable (LE) is
High. This allows asynchronous operation, as the output transition
follows the data in transition. On the LE High-to-Low transition, the
data that meets the setup and hold time is latched.
Data appears on the bus when the Output Enable (OE) is Low.
When OE is High the output is in the High-impedance state.
The 74F842 is the inverted output version of the 74F841.
The 74F843 consists of nine D-type latches with 3-State outputs. In
addition to the LE and OE pins, the 74F843 has a Master Reset
(MR) pin and Preset (PRE) pin. These pins are ideal for parity bus
interfacing in high performance systems. When MR is Low, the
outputs are Low if OE is Low. When MR is High, data can be
entered into the latch. When PRE is Low, the outputs are High, if OE
is Low, PRE overrides MR.
The 74F845 consists of eight D-type latches with 3-State outputs. In
addition to the LE, OE, MR and PRE pins, the 74F845 has two
addtitional OE pins making a total of three Output Enables (OE0,
OE1, OE2) pins.
The multiple Ouptut Enables (OE0, OE1, OE2) allow multi-user
control of the interface, e.g., CS, DMA, and RD/WR.
The 74F846 is the inverted output version of the 74F845.
ORDERING INFORMATION
PACKAGES
COMMERCIAL RANGE
VCC = 5V±10%; Tamb = 0°C to +70°C
PACKAGE DRAWING
NUMBER
24-pin plastic Slim DIP (300 mil)
N74F841N, N74F842N, N74F843N, N74F845N, N74F846N
SOT222-1
24-pin plastic SOL
N74F841D, N74F842D, N74F843D, N74F845D, N74F846D
SOT137-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F(U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
Dn
Data inputs
1.0/0.033
20
µA/20µA
LE
Latch Enable input
1.0/0.033
20
µA/20µA
OE, OEn
Output Enable input (active Low)
1.0/0.033
20
µA/20µA
MR
Master Reset input (active Low)
1.0/0.033
20
µA/20µA
PRE
Preset input (active Low)
1.0/0.033
20
µA/20µA
Qn
Data outputs
1200/80
24mA/48mA
Qn
Data outputs
1200/80
24mA/48mA
NOTE: One (1.0) FAST Unit Load is defined as: 20
µA in the High state and 0.6mA in the Low state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com