Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPM5030T-R47M-HZ Datasheet(PDF) 2 Page - TDK Electronics

Part # SPM5030T-R47M-HZ
Description  Inductors for power circuits Wound metal SPM-HZ series (for automotive)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SPM5030T-R47M-HZ Datasheet(HTML) 2 Page - TDK Electronics

  SPM5030T-R47M-HZ Datasheet HTML 1Page - TDK Electronics SPM5030T-R47M-HZ Datasheet HTML 2Page - TDK Electronics SPM5030T-R47M-HZ Datasheet HTML 3Page - TDK Electronics SPM5030T-R47M-HZ Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20210423
(2/4)
inductor_automotive_power_spm5030-hz_en.fm
INDUCTORS
SPM5030-HZ type
L FREQUENCY CHARACTERISTICS
Measurement equipment
* Equivalent measurement equipment may be used.
INDUCTANCE VS. DC BIAS CHARACTERISTICS
Measurement equipment
* Equivalent measurement equipment may be used.
Product No.
Manufacturer
4294A
Keysight Technologies
100M
5R6M
4R7M
3R3M
6R8M
2R2M
R68M
R47M
1R5M
1R0M
0
20
10
30
50
40
60
0.1
1
10
100
Frequency (MHz)
Product No.
Manufacturer
4284A+42841A+42842C
Keysight Technologies
100M
5R6M
4R7M
3R3M
6R8M
2R2M
R68M
R47M
1R5M
1R0M
0
2
6
4
8
10
010
15
5
20
DC current (A)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com