Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F863 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74F863
Description  Bus transceivers 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F863 Datasheet(HTML) 4 Page - NXP Semiconductors

  74F863 Datasheet HTML 1Page - NXP Semiconductors 74F863 Datasheet HTML 2Page - NXP Semiconductors 74F863 Datasheet HTML 3Page - NXP Semiconductors 74F863 Datasheet HTML 4Page - NXP Semiconductors 74F863 Datasheet HTML 5Page - NXP Semiconductors 74F863 Datasheet HTML 6Page - NXP Semiconductors 74F863 Datasheet HTML 7Page - NXP Semiconductors 74F863 Datasheet HTML 8Page - NXP Semiconductors 74F863 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
74F862, 74F863
Bus transceivers (3-State)
2000 Mar 24
4
LOGIC DIAGRAM
74F862
10
10
OEAB
OEBA
An
Bn
SF00531
LOGIC DIAGRAM
74F863
99
OEAB0
An
Bn
OEAB1
OEBA0
OEBA1
SF00532
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F(U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
A0 – A9
Data transmit inputs
3.5/0.117
70
µA/70µA
B0 – B9
Data receive inputs
3.5/0.117
70
µA/70µA
74F862
OEBA
Transmit output enable input
1.0/0.033
20
µA/20µA
74F862
OEAB
Receive output enable input
1.0/0.033
20
µA/20µA
A0 – A9
Data transmit outputs
1200/106.7
24mA/64mA
B0 – B9
Data receive outputs
1200/106.7
24mA/64mA
A0 – A9
Data transmit inputs
3.5/0.117
70
µA/70µA
B0 – B9
Data receive inputs
3.5/0.117
70
µA/70µA
74F863
OEBAn
Transmit output enable input
1.0/0.033
20
µA/20µA
74F863
OEABn
Receive output enable input
1.0/0.033
20
µA/20µA
A0 – A9
Data transmit outputs
1200/106.7
24mA/64mA
B0 – B9
Data receive outputs
1200/106.7
24mA/64mA
NOTE: One (1.0) FAST Unit Load is defined as: 20
µA in the High state and 0.6mA in the Low state.
FUNCTION TABLE FOR 74F862
INPUTS
OPERATING MODES
OEAB
OEBA
74F862
L
H
A data to B bus
H
L
B bus to A data
H
H
Z
H = High voltage level
L
= Low voltage level
Z
= High impedance “off” state
FUNCTION TABLE FOR 74F863
INPUTS
OPERATING MODES
OEAB0
OEAB1
OEBA0
OEBA1
74F863
L
L0
L
L
H
X
X
H
A data to B bus
H
X
X
H
L
L
L
L
B bus to A data
H
H
H
H
Z
H = High voltage level
L
= Low voltage level
Z
= High impedance “off” state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com