Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F8961 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74F8961
Description  Octal latched bidirectional Futurebus transceivers 3-State open-collector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F8961 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74F8961 Datasheet HTML 3Page - NXP Semiconductors 74F8961 Datasheet HTML 4Page - NXP Semiconductors 74F8961 Datasheet HTML 5Page - NXP Semiconductors 74F8961 Datasheet HTML 6Page - NXP Semiconductors 74F8961 Datasheet HTML 7Page - NXP Semiconductors 74F8961 Datasheet HTML 8Page - NXP Semiconductors 74F8961 Datasheet HTML 9Page - NXP Semiconductors 74F8961 Datasheet HTML 10Page - NXP Semiconductors 74F8961 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Philips Semiconductors FAST Products
Product specification
74F8960/74F8961
Octal latched bidirectional Futurebus transceivers
(3-State + open-collector)
December 19, 1990
8
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST
LIMITS
UNIT
CONDITIONS1
MIN.
TYP.
2
MAX.
IOH
High–level output current
B0 – B7
VCC = MAX, VIL = MAX, VIH = MIN, VOH = 2.1V
100
µA
IOFF
Power–off output current
B0 – B7
VCC = 0.0V, VIL = MAX, VIH = MIN, VOH = 2.1V
100
µA
VCC = MIN,
IOH = –3mA, VX =VCC
2.5
VCC
V
VOH
High-level output voltage
A0 – A74
VIL = MAX, VIH = MIN
IOH = –4mA,
VX =3.13V and 3.47V
2.5
V
A0 – A74
VCC = MIN,
IOL = 20mA, VX = VCC
0.50
V
VOL
Low-level output voltage
B0 – B78
VIL = MAX
IOL = 100mA
1.15
V
VIH = MIN
IOL = 4mA
0.40
V
VIK
Input clamp voltage
A0 – A7
VCC = MIN, II = IIK
-0.5
V
Except A0 – A7
VCC = MIN, II = IIK
-1.2
V
II
Input current at
OEBn, OEA, LE
VCC = MAX, VI = 7.0V
100
µA
maximum input voltage
A0–A7, B0 – B7
VCC = MAX, VI = 5.5V
1
mA
IIH
High–level input current
OEBn, OEA, LE
VCC = MAX, VI = 2.7V
20
µA
B0–B7
VCC = MAX, VI = 2.1V, Bn – An = 0V
100
µA
IIL
Low–level input current
OEBn, OEA, LE
VCC = MAX, VI = 0.5V
–20
µA
B0 – B7
VCC = MAX, VI = 0.3V
–100
µA
IOZH + IIH
Off–state output current,
high–level current applied
A0 – A7
VCC = MAX, VO = 2.7V
70
µA
IOZL + IIL
Off–state output current,
low–level voltage applied
A0 – A7
VCC = MAX, VI = 0.5V
–70
µA
IX
High–level control current
VCC = MAX, VX = VCC, LE = OEA = OEBn =
2.7V, A0 – A7 = 2.7V, B0 – B7 = 2.0V,
–100
100
µA
VCC = MAX, VX = 3.13 & 3.47V, LE = OEA =
OEBn = A0 – A7 = 2.7V, B0 – B7 = 2.0V,
–10
10
µA
IOS
Short circuit output
A0–A7
only
’F8960
74F8960
VCC = MAX, Bn = 1.3V, OEA = 2.0V, OEBn =
2.7V
-60
-150
mA
current3
only
74F8961
VCC = MAX, Bn = 1.8V, OEA = 2.0V, OEBn =
2.7V
ICCH
VCC = MAX
65
100
mA
ICC
Supply current (total)
ICCL
VCC = MAX, VIL = 0.5V
100
145
mA
ICCZ
75
100
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type
and function table for operating mode.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.
4. Due to test equipment limitations, actual test conditions are for VIH =1.8v and VIL = 1.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com