Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG4516/006-1CL Datasheet(PDF) 2 Page - DB Lectro Inc

Part # HG4516/006-1CL
Description  Subminiature PCB Telecom Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

HG4516/006-1CL Datasheet(HTML) 2 Page - DB Lectro Inc

  HG4516/006-1CL Datasheet HTML 1Page - DB Lectro Inc HG4516/006-1CL Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HG4516
HG4516
2/2
OVERALL DIMENSIONS, MOUNTING HOLES AND WIRING DIAGRAMS (mm)
Overall Dimensions
Mounting Holes (Bottom View)
Wiring Diagrams (Bottom View)
ORDERING DESIGNATION
Model
Version
Coil Sensitivity
1: Sealed
L: 0.15W; H: 0.2W
J: Sensitive 0.075W; M: Sensitive 0.1W*
A: Single Side Stable
* Sensitive versions J and M are for single coil latching version only
B: Single Coil Latching; C: Dual Coil Latching
Coil Voltage Code
Example:
HG4516 /
012 -
1
A
H
CHARACTERISTICS
Operate Time
Release Time
Insulation Resistance
Dielectric Strength
Surge Strength
Shock Resistance
Vibration Resistance
Power Consumption
Ambient Temperature
Weight
4 ms.
Standard 0.15 - 0.2W, Sensitive 0.075 - 0.1W
1500 V
2g
-40 - 85 C operating
8 g, approx.
5 g, 11ms. functional; 10 g, 11ms. destructive
1000 M
Ω at 500VDC
1500 Vrms, 1 min. between coil and contacts
1000 Vrms, 1 min. between open contacts
3 ms.
NOTES
1.
All parameters, unless otherwise specified, are measured at ambient temperature 20ºC.
2.
For single coil latching version the wiring diagram show reset position. Energize terminal 1 and 16 to set and reverse energize the
terminal 1 and 16 to reset.
3.
For dual coil latching version the wiring diagram show reset position. Energize terminal 1 and 16 to set and energize the terminal
2 and 15 to reset.
4.
Custom-made services available with operational quantity. Please let us know your special requirements.
5.
Specifications subject to change without prior notice.
DB LECTRO INC. 3600 boul. Matte suite I Brossard Qc J4Y-2Z2
TEL: (450)-444-1424 FAX: (450)-444-4714



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com