Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG4234A/006-DCF Datasheet(PDF) 2 Page - DB Lectro Inc

Part # HG4234A/006-DCF
Description  Automotive Miniature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

HG4234A/006-DCF Datasheet(HTML) 2 Page - DB Lectro Inc

  HG4234A/006-DCF Datasheet HTML 1Page - DB Lectro Inc HG4234A/006-DCF Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HG4234A
OVERALL DIMENSIONS, MOUNTING HOLES AND WIRING DIAGRAMS (mm)
Overall Dimensions
Mounting Holes (Bottom View)
Wiring Diagrams (Bottom View)
NOTES
1.
All parameters, unless otherwise specified, are measured at ambient temperature 23ºC.
2.
Maximum make current refers to inrush current of motor load.
3.
At ambient temperature of 85ºC, maximum allowable voltage should be reduced to 72%.
5.
In mounting holes drawing, the * hole is not needed for 1 Form A; the ** hole is not needed for 1 Form B.
4.
Electrical life obtained at resistive or inductive load at 30A, 15VDC with suitable arc-suppression circuit attached with
operating frequency of 1 ops/sec.
6.
Custom-made services available with operational quantity. Please let us know your special requirements.
7.
Specifications subject to change without prior notice.
HG4234A
2/2
DB LECTRO INC. 3600 boul. Matte suite I Brossard Qc J4Y-2Z2
TEL: (450)-444-1424 FAX: (450)-444-4714



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com