Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMV1500SDFD Datasheet(PDF) 4 Page - STMicroelectronics

Part # DMV1500SDFD
Description  DAMPER MODULATION DIODE FOR VIDEO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DMV1500SDFD Datasheet(HTML) 4 Page - STMicroelectronics

  DMV1500SDFD Datasheet HTML 1Page - STMicroelectronics DMV1500SDFD Datasheet HTML 2Page - STMicroelectronics DMV1500SDFD Datasheet HTML 3Page - STMicroelectronics DMV1500SDFD Datasheet HTML 4Page - STMicroelectronics DMV1500SDFD Datasheet HTML 5Page - STMicroelectronics DMV1500SDFD Datasheet HTML 6Page - STMicroelectronics DMV1500SDFD Datasheet HTML 7Page - STMicroelectronics DMV1500SDFD Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DMV1500SD
4/8
Figure 5: Forward voltage drop versus forward
current (modulation diode)
Figure 6: Relative
variation
of
thermal
impedance junction to case versus pulse
duration
Figure 7: Reverse recovery charges versus
dIF/dt (damper diode)
Figure 8: Reverse recovery charges versus dIF/
dt (modulation diode)
Figure 9: Peak reverse recovery current versus
dIF/dt (damper diode)
Figure 10: Peak reverse recovery current
versus dIF/dt (modulation diode)
0
1
2
3
4
5
6
7
8
9
10
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
I
(A)
FM
V
(V)
FM
T =125°C
(typical values)
j
T =125°C
(maximum values)
j
T =25°C
(maximum values)
j
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
Z/R
th(j-c)
th(j-c)
t (s)
p
DAMPER diode
MODULATION diode
Single pulse
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.1
1.0
10.0
100.0
Q (µC)
rr
dI /dt(A/µs)
F
I=
T =125°C
F
j
IP
0
50
100
150
200
250
300
0.1
1.0
10.0
100.0
Q (nC)
rr
dI /dt(A/µs)
F
I=
T =125°C
F
j
IP
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.1
1.0
10.0
I
(A)
RM
dI /dt(A/µs)
F
I=
T =125°C
F
j
IP
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.1
1.0
10.0
100.0
I
(A)
RM
dI /dt(A/µs)
F
I=
T =125°C
F
j
IP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com