Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB155 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # FUSB155
Description  Radial Leaded PTC FUSB Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

FUSB155 Datasheet(HTML) 2 Page - DB Lectro Inc

  FUSB155 Datasheet HTML 1Page - DB Lectro Inc FUSB155 Datasheet HTML 2Page - DB Lectro Inc FUSB155 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
FUSB Product Dimensions (millimeters)
Lead Size :24AWG,
Lead Size : 24AWG
Φ 0.51 mm Diameter
Φ 0.51 mm Diameter
ABC
D
E
F
Part
Number
Fig
Maximum
Maximum
Typical
Minimum
Maximum
Typical
FUSB075
2
6.9
11.4
5.1
7.6
3.0
0.8
FUSB090
1
7.4
12.2
5.1
7.6
3.0
0.8
FUSB110
1
7.4
14.2
5.1
7.6
3.0
0.8
FUSB120
2
6.9
11.7
5.1
7.6
3.0
0.8
FUSB135
1
8.9
13.5
5.1
7.6
3.0
0.8
FUSB155
2
6.9
11.7
5.1
7.6
3.0
0.8
FUSB160
1
8.9
15.2
5.1
7.6
3.0
0.8
FUSB185
1
10.2
15.7
5.1
7.6
3.0
0.8
FUSB250
1
11.4
18.3
5.1
7.6
3.0
0.8
Thermal Derating Curve
Figure 1
Figure 2
Thermal Derating Curve - FUSB Series
0%
50%
100%
150%
200%
-40
-20
0
2040
6080
Ambient Temperature (C)
Radial Leaded PTC FUSB Series
FUZETEC
DB LECTRO Inc., 3600-I, boulevard Matte, Brossard, QC J4Y2Z2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com