Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG4232/003-Z2C Datasheet(PDF) 1 Page - DB Lectro Inc

Part # HG4232/003-Z2C
Description  Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

HG4232/003-Z2C Datasheet(HTML) 1 Page - DB Lectro Inc

  HG4232/003-Z2C Datasheet HTML 1Page - DB Lectro Inc HG4232/003-Z2C Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Automotive Subminiature PCB Power Relay
Subminiature PCB Power Relay
HG4232A
HG4232
FEATURES
Continuous current capacity up to
20A, 14VDC and 12A, 120VAC
Class B insulation for automotive applications
Various contact materials for choice
Business machine
Audio equipment
Home appliances
Air conditioner
Automotive control
Most popular package and footprint
TYPICAL APPLICATIONS
CONTACT RATING
CONTACT DATA
UL /CSA RATING
Type
Resistive
Type
Resistive
HG4232
HG4232A
HG4232
20A, 14VDC
12A, 120VAC
12A, 28VDC
7A, 240VAC
TV
10A, 120VAC
10A, 28VDC
5A, 240VAC
5A, 120VAC (NO)
35LRA /6FLA, 120VAC(NO)
Material
Service Life
Mechanical
Electrical
AgCdO
100 m
Ω max. at 0.1A 6VDC
107 ops.
105 ops.
Initial Contact Resistance
COIL DATA
HG4232
Type
HG4232A
Coil Voltage
Code
Nominal
Voltage
003
005
006
006
009
012
012
024
024
048
3
5
6
6
9
12
12
24
24
48
25
70
100
45
225
0.36W
0.8W
400
180
1600
720
6400
2.1
3.5
4.2
3.2
6.3
8.4
6.3
16.8
12.6
33.6
0.3
0.5
0.6
0.6
0.9
1.2
1.2
2.4
2.4
4.8
Resistance
(
Ω) ±10%
Power Consumption
Must Operate
Voltage max.
( VDC)
( VDC)
Must Release
Voltage min.
( VDC)
HG4232 / HG4232A
1/2
CHARACTERISTICS
Operate Time
10 ms. max.
5 ms. max.
100 M
Ω, at 500VDC, 50%RH
1500 Vrms, 1 min. between coil and contacts
1000 Vrms, 1 min. between open contacts
10 g, 11ms.
DA 1.5mm, 10 - 55 Hz, functional
1 M height drop on concrete in final enclosure
HG4232: 0.36W; HG4232A: 0.8W
HG4232: -40ºC to 85ºC operating; -40ºC to 130ºC storage
HG4232A: -40ºC to 105ºC operating; -40ºC to 155ºC storage
10 g, approx.
Release Time
Insulation Resistance
Dielectric Strength
Shock Resistance
Vibration Resistance
Drop Resistance
Power Consumption
Ambient Temperature
Weight


Similar Part No. - HG4232/003-Z2C

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HG4230 DBLECTRO-HG4230 Datasheet
97Kb / 2P
Subminiature PCB Power Relay
HG4230003-D1AL DBLECTRO-HG4230003-D1AL Datasheet
97Kb / 2P
Subminiature PCB Power Relay
HG4230003-D1CL DBLECTRO-HG4230003-D1CL Datasheet
97Kb / 2P
Subminiature PCB Power Relay
HG4230003-D1SL DBLECTRO-HG4230003-D1SL Datasheet
97Kb / 2P
Subminiature PCB Power Relay
HG4230003-D2AL DBLECTRO-HG4230003-D2AL Datasheet
97Kb / 2P
Subminiature PCB Power Relay
More results

Similar Description - HG4232/003-Z2C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4231 ETC-HG4231 Datasheet
116Kb / 2P
Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
HG4181 ETC1-HG4181 Datasheet
53Kb / 2P
Automotive Subminiature PCB Power Relay
logo
Picker Components
PC236A PICKER-PC236A Datasheet
178Kb / 2P
Subminiature Automotive PCB Power Relay
PC635 PICKER-PC635 Datasheet
187Kb / 2P
Subminiature Automotive PCB Power Relay
PC517 PICKER-PC517 Datasheet
196Kb / 2P
Automotive Subminiature PCB Power Relay
logo
DB Lectro Inc
HG4230 DBLECTRO-HG4230 Datasheet
97Kb / 2P
Subminiature PCB Power Relay
HG4503 DBLECTRO-HG4503 Datasheet
56Kb / 2P
Subminiature PCB Power Relay
logo
Picker Components
PC517 PICKER-PC517_14 Datasheet
205Kb / 2P
Automotive Subminiature PCB Power Relay
PC376 PICKER-PC376_17 Datasheet
474Kb / 2P
Subminiature PCB Power Relay
PC517 PICKER-PC517_17 Datasheet
582Kb / 2P
Automotive Subminiature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com