Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG4233/005-H2CL Datasheet(PDF) 1 Page - DB Lectro Inc

Part # HG4233/005-H2CL
Description  Subminiature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

HG4233/005-H2CL Datasheet(HTML) 1 Page - DB Lectro Inc

  HG4233/005-H2CL Datasheet HTML 1Page - DB Lectro Inc HG4233/005-H2CL Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Subminiature PCB Power Relay
HG4233
FEATURES
TYPICAL APPLICATIONS
10A continous contact capacity
2 KV dielectric strength between coil and contacts
Standard and high sensitive type for choice
Electric rice cooker
Hi-Fi
Home appliances
Air conditioners
CONTACT RATING
UL /CSA RATING
COIL DATA
CONTACT DATA
Form
Form
Resistive
Material
AgCdO
100 m
Ω max. at 0.1A, 6VDC
Mechanical
107 ops.
105 ops.
Electrical
Initial Contact Resistance
Service Life
1 Form A (H), 1 Form C (Z)
1 Form A (H), 1 Form C (Z)
10A, 120VAC/24VDC
10A, 120VAC/24VDC
Resistive
Coil Voltage
Code
Nominal
Voltage
( VDC)
Resistance (
Ω) ±10%
Power Consumption
Standard
Sensitive
Must Operate
Voltage max.
( VDC)
Must Release
Voltage min.
( VDC)
003
005
006
009
012
024
048
3
5
6
9
12
24
48
20
56
80
180
0.45W
0.33W
320
1280
3800
2.25
3.75
4.50
6.75
9.00
18.00
36.00
0.3
0.5
0.6
0.9
1.2
2.4
4.8
27
80
110
250
440
1780
5220
ORDERING DESIGNATION
HG4233 /
012 -
H
1
C
L
Example:
Model
Coil Voltage Code
Contact Form
Version
1: Sealed; 2: Flux Free
Contact Material
Coil Sensitivity
Nil: Standard 0.45W; L: Sensitive 0.33W
Nil: AgNi0.15; C: AgCdO; S: AgSnOInO
H: 1 Form A; Z: 1 Form C
Operate Time
Release Time
Insulation Resistance
Dielectric Strength
Shock Resistance
Vibration Resistance
Ambient Temperature
Weight
CHARACTERISTICS
8 ms. max.
4 ms. max.
2000 Vrms, 1 min. between coil and contacts
750 Vrms, 1 min. between open contacts
10 g, 11ms. functional; 100g, destructive
DA 1.5mm, 10 - 55 Hz, functional
10 g, approx.
-30ºC to 70ºC
1000 M
Ω, at 500 VDC, 50%RH
HG4233
1/2


Similar Part No. - HG4233/005-H2CL

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HG4230 DBLECTRO-HG4230 Datasheet
97Kb / 2P
Subminiature PCB Power Relay
HG4230003-D1AL DBLECTRO-HG4230003-D1AL Datasheet
97Kb / 2P
Subminiature PCB Power Relay
HG4230003-D1CL DBLECTRO-HG4230003-D1CL Datasheet
97Kb / 2P
Subminiature PCB Power Relay
HG4230003-D1SL DBLECTRO-HG4230003-D1SL Datasheet
97Kb / 2P
Subminiature PCB Power Relay
HG4230003-D2AL DBLECTRO-HG4230003-D2AL Datasheet
97Kb / 2P
Subminiature PCB Power Relay
More results

Similar Description - HG4233/005-H2CL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4231 ETC-HG4231 Datasheet
116Kb / 2P
Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
Picker Components
PC517 PICKER-PC517 Datasheet
196Kb / 2P
Automotive Subminiature PCB Power Relay
logo
DB Lectro Inc
HG4183 DBLECTRO-HG4183 Datasheet
54Kb / 2P
Subminiature PCB Power Relay
HG4230 DBLECTRO-HG4230 Datasheet
97Kb / 2P
Subminiature PCB Power Relay
HG4232 DBLECTRO-HG4232 Datasheet
60Kb / 2P
Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
HG4503 DBLECTRO-HG4503 Datasheet
56Kb / 2P
Subminiature PCB Power Relay
logo
Picker Components
PC517 PICKER-PC517_14 Datasheet
205Kb / 2P
Automotive Subminiature PCB Power Relay
PC376 PICKER-PC376_17 Datasheet
474Kb / 2P
Subminiature PCB Power Relay
PC435 PICKER-PC435_17 Datasheet
895Kb / 2P
Subminiature PCB Power Relay
PC517 PICKER-PC517_17 Datasheet
582Kb / 2P
Automotive Subminiature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com