Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTDL-RX16P04 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTDL-RX16P04
Description  High speed transmission (16 Mbps , NRZ code)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTDL-RX16P04 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTDL-RX16P04 Datasheet HTML 1Page - Lite-On Technology Corporation LTDL-RX16P04 Datasheet HTML 2Page - Lite-On Technology Corporation LTDL-RX16P04 Datasheet HTML 3Page - Lite-On Technology Corporation LTDL-RX16P04 Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of L I TE-ON Only
FEATURES
* High speed transmission (16 Mbps , NRZ code )
* TTL compatible
* Same package as fiber optic transmiting module LTDL-TX12P04
APPLICATIONS
* Digital audio system
* CD & DVD players
PACKAGE DIMRNSIONS
NOTES:
1. All dimensions are in millimeters.
2. Tolerance is ±0.3 mm unless otherwise noted.
Part No. : LTDL-RX16P04 DATA SHEET
Page :
1
of
4
BNS-OD-C131/A4


Similar Part No. - LTDL-RX16P04

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTDL-RX16P01B LITEON-LTDL-RX16P01B Datasheet
285Kb / 4P
High speed transmission 竊?6 Mbps , NRZ code 竊
More results

Similar Description - LTDL-RX16P04

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LXES1UTAA1-157 MURATA-LXES1UTAA1-157 Datasheet
153Kb / 2P
High-speed Transmission Line
LXES2TBCC4-028 MURATA-LXES2TBCC4-028 Datasheet
155Kb / 2P
High-speed Transmission Line
LXES11DAA2-135 MURATA-LXES11DAA2-135 Datasheet
151Kb / 2P
High-speed Transmission Line
LXES11DAA2-137 MURATA-LXES11DAA2-137 Datasheet
154Kb / 2P
High-speed Transmission Line
LXES21DAA4-136 MURATA-LXES21DAA4-136 Datasheet
154Kb / 2P
High-speed Transmission Line
LXES21DAA4-138 MURATA-LXES21DAA4-138 Datasheet
154Kb / 2P
High-speed Transmission Line
logo
Lite-On Technology Corp...
LTDL-RX16P01B LITEON-LTDL-RX16P01B Datasheet
285Kb / 4P
High speed transmission 竊?6 Mbps , NRZ code 竊
LTDL-RX16S01B LITEON-LTDL-RX16S01B Datasheet
232Kb / 5P
High speed transmission 竊?6 Mbps , NRZ code 竊
LTDL-TX12S01B LITEON-LTDL-TX12S01B Datasheet
316Kb / 7P
High speed transmission 竊?3.2 Mbps , NRZ code 竊
LTDL-TX12S05 LITEON-LTDL-TX12S05 Datasheet
209Kb / 6P
High speed transmission 竊?3.2 Mbps , NRZ code 竊
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com