Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1B9HA Datasheet(PDF) 2 Page - DB Lectro Inc

Part # M1B9HA
Description  DIL Pitch Terminals High Sensitivity Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

M1B9HA Datasheet(HTML) 2 Page - DB Lectro Inc

  M1B9HA Datasheet HTML 1Page - DB Lectro Inc M1B9HA Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristics
Electrostatic capacitance
Between open Contacts
Approx.0.7pF
Item 3.41
of IEC255-7
Between coil & Contacts
Approx.1.0pF
Item 3.41
of IEC255-7
Between Contact Poles
Approx.0.9pF
Item 3.41
of IEC255-7
Insulation Resistance
Dielectric Strength
1000M
min (at 500VDC)
Item 7
of IEC255-5
Between open Contacts
Between coil & Contacts
1000VAC
1min
1000VAC
1min
Item 6
of IEC255-5
Item 6
of IEC255-5
Between Contact Poles
1000VAC
1min
Item 6
of IEC255-5
Surge Withstand Voltage
Between open Contacts
Between coil & Contacts
Between Contact Poles
1500V
1500V
1500V
FCC68
FCC68
FCC68
Shock resistance
Functional:100m/s
2
11ms;
Survival:1000 m/s
2 6ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz Double amplitude
Functional
X1.5mm Survival:5mm
IEC68-2-6
Test Fc
Terminals strength
5N
IEC68-2-21
Test Ua1
Solderability
235
’x2’
3
x0.5s
IEC68-2-20 Test Ta method 1
Temperature Range
-40~65
’(-40~149F)
(-40~70
’ for 0.4W Coil)
Mass
4.5g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size24.
Safety approvals
Safety approval
UL&CUR
Load
1A/24VDC
0.5A/125VAC
Dimensions
mm/inch
14
6
13
9
11
8
16
0.30
0.044
0.20
0.30
0.787
0.20
0.01
0.787
0.386
.
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
M1B
Tolerance: ±0.1/±0.004
Dimensions
Mounting (Bottom views)
0.031
2,54
0.1
Wiring diagram
(Bottom views)
www.dblectro.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com