Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAM65CR51ADZ2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FAM65CR51ADZ2
Description  Boost Converter Stage in APM16 Series for Multiphase and Semi-Bridgeless PFC with SiC Diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAM65CR51ADZ2 Datasheet(HTML) 2 Page - ON Semiconductor

  FAM65CR51ADZ2 Datasheet HTML 1Page - ON Semiconductor FAM65CR51ADZ2 Datasheet HTML 2Page - ON Semiconductor FAM65CR51ADZ2 Datasheet HTML 3Page - ON Semiconductor FAM65CR51ADZ2 Datasheet HTML 4Page - ON Semiconductor FAM65CR51ADZ2 Datasheet HTML 5Page - ON Semiconductor FAM65CR51ADZ2 Datasheet HTML 6Page - ON Semiconductor FAM65CR51ADZ2 Datasheet HTML 7Page - ON Semiconductor FAM65CR51ADZ2 Datasheet HTML 8Page - ON Semiconductor FAM65CR51ADZ2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
FAM65CR51ADZ1, FAM65CR51ADZ2
www.onsemi.com
2
ORDERING INFORMATION
Part Number
Package
Lead Forming
DBC Material
Pb−Free and
RoHS Compliant
Operating
Temperature (TA)
Packing
Method
FAM65CR51ADZ1
APM16−CDA
Y−Shape
Al2O3
Yes
−40°C ~ 125°C
Tube
FAM65CR51ADZ2
APM16−CDB
L−Shape
Al2O3
Yes
−40°C ~ 125°C
Tube
Pin Configuration and Description
Figure 1. Pin Configuration
Table 1. PIN DESCRIPTION
Pin Number
Pin Name
Pin Description
1, 2
AC1
Phase 1 Leg of the PFC Bridge
3
NC
Not Connected
4
NC
Not Connected
5, 6
B+
Positive Battery Terminal
7, 8
Q1 Source
Source Terminal of Q1
9
Q1 Gate
Gate Terminal of Q1
10
Q2 Gate
Gate Terminal of Q2
11, 12
Q2 Source
Source Terminal of Q2
13
NC
Not Connected
14
NC
Not Connected
15, 16
AC2
Phase 2 Leg of the PFC Bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com