Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGF7NC60HD Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGF7NC60HD
Description  N-channel 14 A, 600 V, very fast IGBT with Ultrafast diode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF7NC60HD Datasheet(HTML) 5 Page - STMicroelectronics

  STGF7NC60HD Datasheet HTML 1Page - STMicroelectronics STGF7NC60HD Datasheet HTML 2Page - STMicroelectronics STGF7NC60HD Datasheet HTML 3Page - STMicroelectronics STGF7NC60HD Datasheet HTML 4Page - STMicroelectronics STGF7NC60HD Datasheet HTML 5Page - STMicroelectronics STGF7NC60HD Datasheet HTML 6Page - STMicroelectronics STGF7NC60HD Datasheet HTML 7Page - STMicroelectronics STGF7NC60HD Datasheet HTML 8Page - STMicroelectronics STGF7NC60HD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
STGB7NC60HD, STGF7NC60HD, STGP7NC60HD
Electrical characteristics
Doc ID 10042 Rev 10
5/22
Table 7.
Switching off
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tr(Voff)
Off voltage rise time
VCC = 390 V, IC = 7 A,
RG = 10 Ω , VGE = 15 V
-
27
-
ns
td(off)
Turn-off delay time
72
ns
tf
Current fall time
60
ns
tr(Voff)
Off voltage rise time
VCC = 390 V, IC = 7 A,
RG = 10 Ω , VGE = 15 V
Tj = 125 °C
56
ns
td(off)
Turn-off delay time
116
ns
tf
Current fall time
105
ns
Table 8.
Switching energy
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
Eon (1)
Eoff
(2)
Ets
1.
Eon is the turn-on losses when a typical diode is used in the test circuit. If the IGBT is offered in a package
with a co-pack diode, the co-pack diode is used as external diode. IGBTs and diode are at the same
temperature (25°C and 125°C).
2.
Turn-off losses include also the tail of the collector current.
Turn-on switching losses
Turn-off switching loss
Total switching loss
VCC = 390 V, IC = 7 A
RG = 10 Ω, VGE = 15 V,
-
95
115
210
125
150
275
µJ
µJ
µJ
Eon (1)
Eoff
(2)
Ets
Turn-on switching losses
Turn-off switching loss
Total switching loss
VCC = 390 V, IC = 7 A
RG = 10 Ω, VGE = 15 V,
Tj = 125°C
140
215
355
µJ
µJ
µJ
Table 9.
Collector-emitter diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vf
Forward on-voltage
If = 3.5 A
If = 3.5 A, Tj = 125 °C
-
1.3
1.1
1.9
V
V
trr
ta
Qrr
Irrm
S
Reverse recovery time
Reverse recovery charge
Reverse recovery current
Softness factor of the diode
If = 7 A, VR = 40 V,
di/dt = 100 A/µs
37
22
40
2.1
0.68
ns
ns
nC
A
trr
ta
Qrr
Irrm
S
Reverse recovery time
Reverse recovery charge
Reverse recovery current
Softness factor of the diode
If = 7 A, VR = 40 V,
Tj = 125 °C, di/dt = 100 A/µs
61
34
98
3.2
0.79
ns
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com