Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM74C906M Datasheet(PDF) 1 Page - Silicon Supplies

Part # MM74C906M
Description  CMOS High Voltage Logic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

MM74C906M Datasheet(HTML) 1 Page - Silicon Supplies

  MM74C906M Datasheet HTML 1Page - Silicon Supplies MM74C906M Datasheet HTML 2Page - Silicon Supplies MM74C906M Datasheet HTML 3Page - Silicon Supplies MM74C906M Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 of 4
www.siliconsupplies.com
CMOS High Voltage Logic - MM74C906M
Hex Open Drain N-Channel Buffers in Plastic Small-Outline Package (SOIC)
Rev 1.0
16/07/2021
Wide supply voltage range: 3V to 15V
Guaranteed noise margin: 1V
High noise immunity: 0.45 VCC (typ.)
High current sourcing and sinking open-drain
outputs
Features:
The MM74C906M buffer employs monolithic CMOS
technology in achieving open drain outputs. The
MM74C906M consists of six inverters driving six N-channel
devices. The open-drain feature of these buffers makes
level shifting or wire-AND and wire-OR functions by just the
addition of pull-up or pull-down resistors. All inputs are
protected from static discharge by diode clamps to VCC and
to ground.
Description
Schematic & Connection Diagram
Absolute Maximum Ratings1
PARAMETER
SYMBOL
VALUE
UNIT
Voltage at any input pin
VIN
-0.3 to VCC + 0.3
V
Voltage at any output pin
VOUT
-0.3 to VCC + 0.3
V
Operating VCC range
VCC
3 to 15
V
Absolute maximum VCC
VCC(MAX)
18
V
Maximum Power Dissipation
PD
700
mW
Operating Temperature Range
TA
-40 to +85
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Lead Temperature (Soldering, 10 seconds)
TL
260
°C
VCC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
GND
Ordering Information
The following part suffixes apply:
MM74C906M - 14 Lead Plastic SOIC Package
INPUT
OUTPUT
1. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may
reduce device reliability.


Similar Part No. - MM74C906M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C906M FAIRCHILD-MM74C906M Datasheet
53Kb / 5P
Hex Open Drain N-Channel Buffers . Hex Open Drain P-Channel Buffers
logo
Silicon Supplies
MM74C906M SS-MM74C906M Datasheet
423Kb / 4P
CMOS High Voltage Logic
Rev 1.0 16/07/2021
MM74C906M SS-MM74C906M_V01 Datasheet
423Kb / 4P
CMOS High Voltage Logic
Rev 1.0 16/07/2021
More results

Similar Description - MM74C906M

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
CD4001B SS-CD4001B Datasheet
522Kb / 4P
CMOS High Voltage Logic
CD4011B SS-CD4011B Datasheet
519Kb / 4P
CMOS High Voltage Logic
CD4013B SS-CD4013B Datasheet
692Kb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B Datasheet
671Kb / 5P
CMOS High Voltage Logic
CD4046B SS-CD4046B Datasheet
932Kb / 8P
CMOS High Voltage Logic
CD4049B SS-CD4049B Datasheet
608Kb / 5P
CMOS High Voltage Logic
CD4053B SS-CD4053B Datasheet
706Kb / 6P
CMOS High Voltage Logic
CD4073B SS-CD4073B Datasheet
521Kb / 5P
CMOS High Voltage Logic
LM137 SS-LM137 Datasheet
2Mb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B_V01 Datasheet
403Kb / 5P
CMOS High Voltage Logic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com