Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF7NC60HD Datasheet(PDF) 4 Page - STMicroelectronics

Part # GF7NC60HD
Description  N-channel 14 A, 600 V, very fast IGBT with Ultrafast diode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GF7NC60HD Datasheet(HTML) 4 Page - STMicroelectronics

  GF7NC60HD Datasheet HTML 1Page - STMicroelectronics GF7NC60HD Datasheet HTML 2Page - STMicroelectronics GF7NC60HD Datasheet HTML 3Page - STMicroelectronics GF7NC60HD Datasheet HTML 4Page - STMicroelectronics GF7NC60HD Datasheet HTML 5Page - STMicroelectronics GF7NC60HD Datasheet HTML 6Page - STMicroelectronics GF7NC60HD Datasheet HTML 7Page - STMicroelectronics GF7NC60HD Datasheet HTML 8Page - STMicroelectronics GF7NC60HD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Electrical characteristics
STGB7NC60HD, STGF7NC60HD, STGP7NC60HD
4/22
Doc ID 10042 Rev 10
2
Electrical characteristics
TCASE = 25°C unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter
breakdown voltage
IC = 1 mA, VGE = 0
600
V
ICES
Collector cut-off current
(VGE = 0)
VCE = 600 V
VCE = 600 V, TC = 125 °C
10
1
µA
mA
IGES
Gate-emitter leakage
current (VCE = 0)
VGE = ± 20 V
±100
nA
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 250 µA
3.75
5.75
V
VCE(sat)
Collector-emitter
saturation voltage
VGE = 15V, IC = 7 A
VGE = 15V, IC = 7 A, TC= 125°C
1.85
1.7
2.5
V
V
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: Pulse duration= 300 µs, duty cycle 1.5%
Forward
transconductance
VCE = 15 V , IC = 7 A
4.30S
Cies
Input capacitance
VCE = 25 V, f = 1 MHz,
VGE = 0
720
pF
Coes
Output capacitance
81
pF
Cres
Reverse transfer
capacitance
17
pF
Qg
Qge
Qgc
Total gate charge
Gate-emitter charge
Gate-collector charge
VCE = 390 V, IC = 7 A,
VGE = 15 V
35
7
16
48
nC
nC
nC
ICL
Turn-off SOA minimum
current
Vclamp = 480 V , Tj =150°C
RG = 10 Ω, VGE = 15 V
50
A
Table 6.
Switching on
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 390 V, IC = 7 A
RG =10 Ω, VGE = 15V
(see
Figure 21)
-
18.5
8.5
1060
-
ns
ns
A/µs
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 390 V, IC = 7 A
RG =10 Ω, VGE = 15V,
Tj = 125°C (see
Figure 21)
18.5
7
1000
ns
ns
A/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com