Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC58DB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC58DB
Description  Dual AND-OR gate
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC58DB Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC58DB Datasheet HTML 1Page - NXP Semiconductors 74HC58DB Datasheet HTML 2Page - NXP Semiconductors 74HC58DB Datasheet HTML 3Page - NXP Semiconductors 74HC58DB Datasheet HTML 4Page - NXP Semiconductors 74HC58DB Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
December 1990
3
Philips Semiconductors
Product specification
Dual AND-OR gate
74HC58
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1, 12, 13, 9, 10, 11
1A to 1F
data inputs
2, 3, 4, 5
2A to 2D
data inputs
8, 6
1Y, 2Y
data outputs
7
GND
ground (0 V)
14
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com